Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1201 Datasheet(PDF) 35 Page - Analog Devices

Part # ADE1201
Description  Single Channel, Configurable, Isolated Digital Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1201 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADE1201 Datasheet HTML 31Page - Analog Devices ADE1201 Datasheet HTML 32Page - Analog Devices ADE1201 Datasheet HTML 33Page - Analog Devices ADE1201 Datasheet HTML 34Page - Analog Devices ADE1201 Datasheet HTML 35Page - Analog Devices ADE1201 Datasheet HTML 36Page - Analog Devices ADE1201 Datasheet HTML 37Page - Analog Devices ADE1201 Datasheet HTML 38Page - Analog Devices ADE1201 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
Data Sheet
ADE1201
Rev. 0 | Page 35 of 40
INTERRUPT MASK REGISTER
Address: 0x00B, Reset: 0x4000, Name: MASK
If a bit in the MASK register is set, the associated status flag generates an interrupt, with the exception of Bit 15, DREADY, as described in
Table 29.
Table 29. Bit Descriptions for MASK
Bits
Bit Name
Description
Reset
Access
15
DREADY
ADC Waveform Sample Interrupt Enable. Set this bit to 1 to enable 100 kHz interrupts
synchronized when ADC samples are ready. When this bit is enabled, all other interrupts must
be disabled with MASK register, Bits[14:0] equal to zero.
0x0
R/W
14
RSTDONE
Indicates that the device has reset and is ready to be programmed or begin default normal operation.
0x1
R/W
13
BUSY
Internal Communications Busy.
0x0
R/W
12
RESERVED
Reserved.
0x0
R/W
11
COOLDOWN1
Channel 1 Cool Down Mode Interrupt Enable. Set this bit to 1 to get an indication when channel
1 is in cool down mode to keep the device within a safe operating mode as configured by the
internal FET power meter.
0x0
R/W
10
TSD
Programmable Load Thermal Shutdown Interrupt Enable. Set this bit to 1 to get an indication
when the programmable load has been disabled due to thermal protection.
0x0
R/W
9
COMFLT
Isolated Communication Error Interrupt Enable. Set this bit to 1 to get an indication when there
is an error in the internal data communicated between the isolated and nonisolated sides of the
device. The device deals with retransmitting packets. If this error persists after writing a 1 to the
COMFLT bit in the INT_STATUS register, then reconfigure the register settings in the device.
0x0
R/W
8
MEMFLT
Memory Fault Interrupt Enable. Set this bit to 1 to get an indication when there is a mismatch
between the register values on the isolated and nonisolated sides of the device, indicating the
registers must be reconfigured.
0x0
R/W
[7:4]
RESERVED
Reserved.
0x0
R/W
3
WARNC1
WARNC1 Interrupt Enable. Set this bit to 1 to get an indication when the WARNC1 comparator
output goes from logic low to logic high.
0x0
R/W
2
WARNB1
WARNB1 Interrupt Enable. Set this bit to 1 to get an indication when the WARNB1 comparator
output goes from logic low to logic high.
0x0
R/W
1
WARNA1
WARNA1 Interrupt Enable. Set this bit to 1 to get an indication when the WARNA1 comparator
output goes from logic low to logic high.
0x0
R/W
0
DOUT1
DOUT1 Interrupt Enable. Set this bit to 1 to get an indication when the DOUT1 pin changes from
logic low to logic high.
0x0
R/W
INTERRUPT STATUS REGISTER
Address: 0x00C, Reset: 0x0000, Name: INT_STATUS
The interrupt status register indicates which events capable of generating an interrupt have occurred. Write a 1 to the desired bit position
to acknowledge the event and then clear the bit. This register can be written while the device is locked.
Table 30. Bit Descriptions for INT_STATUS
Bits
Bit Name
Description
Reset
Access
15
RESERVED
Reserved.
0x0
R
14
RSTDONE
Indicates that the device has reset and is ready to be programmed or begin default normal operation.
0x0
RW1C
13
BUSY
Internal Communications Busy.
0x0
RW1C
12
RESERVED
Reserved.
0x0
RW1C
11
COOLDOWN1
Channel 1 is in cool down mode.
0x0
RW1C
10
TSD
Thermal Shutdown Detected.
0x0
RW1C
9
COMFLT
Communication Fault.
0x0
RW1C
8
MEMFLT
Memory Fault. When a memory fault is detected, the user can reconfigure the device.
0x0
RW1C
[7:4]
RESERVED
Reserved.
0x0
RW1C
3
WARNC1
Warning C from Channel 1.
0x0
RW1C
2
WARNB1
Warning B from Channel 1.
0x0
RW1C
1
WARNA1
Warning A from Channel 1.
0x0
RW1C
0
DOUT1
DOUT1.
0x0
RW1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com