Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1201 Datasheet(PDF) 37 Page - Analog Devices

Part # ADE1201
Description  Single Channel, Configurable, Isolated Digital Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1201 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADE1201 Datasheet HTML 32Page - Analog Devices ADE1201 Datasheet HTML 33Page - Analog Devices ADE1201 Datasheet HTML 34Page - Analog Devices ADE1201 Datasheet HTML 35Page - Analog Devices ADE1201 Datasheet HTML 36Page - Analog Devices ADE1201 Datasheet HTML 37Page - Analog Devices ADE1201 Datasheet HTML 38Page - Analog Devices ADE1201 Datasheet HTML 39Page - Analog Devices ADE1201 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
Data Sheet
ADE1201
Rev. 0 | Page 37 of 40
PROGRAMMABLE LOAD CONTROL REGISTER
Address: 0x010, Reset: 0x0000, Name: PL_CTRL
Configures the programmable load into low idle mode or high idle mode.
Table 34. Bit Descriptions for PL_CTRL
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
PL_MODE
Programmable Load Mode.
0x0
R/W
0: low idle state. In low idle state, the programmable load current is configured for PL_LOW_CODE when
the channel ADC code is greater than zero but less than the RISE_THR bit field. When the channel
ADC value rises above the PL_RISE_THR, the load current is set to PL_HIGH_CODE.
1: high idle state. In high idle state, the programmable load current is set to PL_HIGH_CODE when
the channel ADC code is higher than zero. The programmed load current flows as soon as there is
enough voltage headroom on the LOAD1 pin.
PROGRAMMABLE LOAD RISE THRESHOLD REGISTER
Address: 0x011, Reset: 0x001E, Name: PL_RISE_THR
Sets programmable load rising edge ADC sample threshold.
Table 35. Bit Descriptions for PL_RISE_THR
Bits
Bit Name
Description
Reset
Access
[15:8]
RESERVED
Reserved.
0x0
R
[7:0]
RISE_THR
Rising Edge Threshold. When configured in low idle mode, with PL_MODE = 0, when the ADC
value is greater than RISE_THR, the LOAD1 pin is configured to sink a high current
(PL_HIGH_CODE).
0x1E
R/W
The minimum value that can be written is 0x01 and the maximum value is 0xFE. These values are
enforced by the hardware such that a write of 0x00 becomes 0x01 and 0xFF becomes 0xFE.
PROGRAMMABLE LOAD LOW CODE REGISTER
Address: 0x012, Reset: 0x001E, Name: PL_LOW_CODE
Programmable load low code.
Table 36. Bit Descriptions for PL_LOW_CODE
Bits
Bit Name
Description
Reset
Access
[15:6]
RESERVED
Reserved.
0x0
R
[5:0]
LOW_CODE
Programmable Load Low Code. Minimum low current value is in units of 100 µA. The minimum
value is 0x1. If 0x0 is written, LOW_CODE = 0x1.
0x1E
R/W
PROGRAMMABLE LOAD HIGH CODE REGISTER
Address: 0x013, Reset: 0x00C8, Name: PL_HIGH_CODE
Programmable load high code.
Table 37. Bit Descriptions for PL_HIGH_CODE
Bits
Bit Name
Description
Reset
Access
[15:10]
RESERVED
Reserved.
0x0
R
[9:0]
HIGH_CODE
Programmable Load High Code in Units of 200 µA. The minimum value that can be written is 0x1.
0xC8
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com