Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1201 Datasheet(PDF) 24 Page - Analog Devices

Part # ADE1201
Description  Single Channel, Configurable, Isolated Digital Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1201 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADE1201 Datasheet HTML 20Page - Analog Devices ADE1201 Datasheet HTML 21Page - Analog Devices ADE1201 Datasheet HTML 22Page - Analog Devices ADE1201 Datasheet HTML 23Page - Analog Devices ADE1201 Datasheet HTML 24Page - Analog Devices ADE1201 Datasheet HTML 25Page - Analog Devices ADE1201 Datasheet HTML 26Page - Analog Devices ADE1201 Datasheet HTML 27Page - Analog Devices ADE1201 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
ADE1201
Data Sheet
Rev. 0 | Page 24 of 40
THERMAL SHUTDOWN
If the junction temperature of the isolated side exceeds the
thermal shutdown value given in Table 1, the programmable load
current is disabled. The TSD bit in the INT_STATUS register
indicates if the device is in thermal shutdown condition. When the
device cools down by the hysteresis value given in Table 1, the
programmable load current is reenabled.
INTERRUPT
The IRQ output is open-drain, not push-pull.
The IRQ pin is managed by a 16-bit interrupt mask register,
MASK. To enable an interrupt, the corresponding bit in the
MASK register must be set to 1. To disable an interrupt, the bit
must be cleared to 0.
INT_STATUS Register
When an interrupt is triggered, the IRQ pin goes low. To
determine the source of the interrupt, read the INT_STATUS
register to identify which bit(s) are set to 1. To clear the flag(s)
in the INT_STATUS register, write to the INT_STATUS register
with the corresponding bits set to 1. The IRQ pin remains low
until the corresponding INT_STATUS flag is cleared.
By default, all interrupts are disabled except for the RSTDONE
interrupt. This interrupt cannot be disabled (masked).
During power-up or software reset, the IRQ pin stays high.
When the power-up or software reset ends, the IRQ pin goes low
and Bit 14 (RSTDONE) in the INT_STATUS register is set to 1.
Note that Bit 15 (DREADY) in the MASK register functions
differently than Bits[14:0]. See the SAR ADC section more
information on the DREADY function.
STATUS Register
The STATUS register contains status flags that are updated in
real time. When the condition related to a flag is triggered, the
flag is set to 1. When the condition disappears, the flag is
automatically cleared to 0.
The bits in the STATUS register are identical to the bits in the
INT_STATUS register with one exception. Bit 14 is RSTBUSY
in the STATUS register and RSTDONE in the INT_STATUS
register. The RSTBUSY bit is 1 during reset and power-on and
becomes 0 when the IC is ready to accept commands.
SPI PROTOCOL OVERVIEW
The compatible SPI consists of four pins: SCLK, MOSI, MISO, and
CS. The ADE1201 is always an SPI slave. The SPI is compatible
with 16-bit read/write operations. The maximum serial clock
frequency supported by this interface is 10 MHz.
The CS input pin is the chip select input. Drive the CS pin low
for the entire data transfer operation. Bring the CS pin high
during a data transfer operation to abort the transfer and place
the serial bus in a high impedance state. A new transfer can be
initiated by returning the CS pin to low.
Data shifts into the device at the MOSI pin on the falling edge
of SCLK, and the ADE1201 samples the data on the rising edge
of SCLK. Data shifts out of the ADE1201 at the MISO pin on
the falling edge of SCLK, and the host controller samples the
data on the rising edge of SCLK. The MSB of the word is shifted
in and out first. MISO stays in high impedance when no data is
transmitted from the ADE1201.
Figure 35 shows the connection between the ADE1201 SPI and
a host controller with a master SPI.
ADE1201
MOSI
SCLK
CS
SPI DEVICE
MOSI
SCLK
MISO
MISO
CS
Figure 35. Connecting the SPI to an SPI Device
SPI ADE1201 Addressing
Up to eight ADE1201 devices can be accessed on the same SPI
bus. A voltage ladder of up to seven equal resistors ranging
from 1 kΩ to 10 kΩ values with 1% tolerance can be used (see
Figure 37). With the ADDR pin connected to 3.3 V, the ADE1201
has the chip address of 7. With the ADDR pin connected to
ground, the ADE1201 has the chip address of 0. The remaining
six ADE1201 devices have the chip addresses in sequence based
on the applied voltage of the potential divider. If multichip
addressing is not used, connect the ADDR pin to ground.
The chip address is indicated in Bits[2:0] of the 16-bit
command header.
CHIP_ADDR
0
2
R/W
3
REGISTER ADDRESS
4
14
BROADCAST
15
Figure 36. SPI Header Word
HOST
MICROCONTROLLER
SCLK
MISO
MOSI
CS
SCLK
MISO
MOSI
CS
ADE1201
ADDR
SCLK
MISO
MOSI
CS
ADE1201
ADDR
SCLK
MISO
MOSI
CS
ADE1201
ADDR
3.3V
R ±1%
R ±1%
Figure 37. Multichip SPI Addressing Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com