Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1201 Datasheet(PDF) 38 Page - Analog Devices

Part # ADE1201
Description  Single Channel, Configurable, Isolated Digital Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1201 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADE1201 Datasheet HTML 32Page - Analog Devices ADE1201 Datasheet HTML 33Page - Analog Devices ADE1201 Datasheet HTML 34Page - Analog Devices ADE1201 Datasheet HTML 35Page - Analog Devices ADE1201 Datasheet HTML 36Page - Analog Devices ADE1201 Datasheet HTML 37Page - Analog Devices ADE1201 Datasheet HTML 38Page - Analog Devices ADE1201 Datasheet HTML 39Page - Analog Devices ADE1201 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
ADE1201
Data Sheet
Rev. 0 | Page 38 of 40
PROGRAMMABLE LOAD HIGH CURRENT PERIOD REGISTER
Address: 0x014, Reset: 0x012C, Name: PL_HIGH_TIME
High current timer duration.
Table 38. Bit Descriptions for PL_HIGH_TIME
Bits
Bit Name
Description
Reset
Access
[15:12]
RESERVED
Reserved.
0x0
R
[11:0]
HIGH_TIME
Programmable Load High Current Period. When the programmable load goes into the high
state, it pulls down the high current for the HIGH_TIME period, which is in units of 10 µs. The
minimum HIGH_TIME is 10 µs. If 0 is written, HIGH_TIME = 1.
0x12C
R/W
ENERGY METER CONTROL REGISTER
Address: 0x015, Reset: 0x0505, Name: EGY_MTR_CTRL
Energy meter control register.
Table 39. Bit Descriptions for EGY_MTR_CTRL
Bits
Bit Name
Description
Reset
Access
[15:8]
COOLDOWN_DECR
Cool Down Decrement. When the pulse current is turned off, the FET power accumulator
is decremented by the COOLDOWN_DECR value every COOLDOWN_TIMESTEP.
0x5
R/W
[7:6]
OV_SCALE
Overvoltage Scale Factor. Applied when the ADC value is 0xFF.
0x0
R/W
0: multiply by 1.
1: multiply by 4.
10: multiply by 8.
11: multiply by 16.
[5:4]
COOLDOWN_TIMESTEP
Cool Down Timestep. When the pulse current is turned off, the FET power accumulator is
decremented by the COOLDOWN_DECR value every COOLDOWN_TIMESTEP.
0x0
R/W
0: 10 µs.
1: 20 µs.
10: 40 µs.
11: 80 µs.
[3:0]
COOLDOWN_SEC
Cool Down Period. Cool down period is in seconds. A value of 0 disables the cool
down function.
0x5
R/W
ENERGY METER MAXIMUM THRESHOLD REGISTER
Address: 0x016, Reset: 0x9BA3, Name: EGY_MTR_THR
Energy meter maximum energy threshold.
Table 40. Bit Descriptions for EGY_MTR_THR
Bits
Bit Name
Description
Reset
Access
[15:0]
MAX_EGY_THR
Maximum Energy Threshold. When the MAX_EGY_THR is exceeded, the device enters cool
down mode. The threshold is scaled by 128. The energy meter accumulates the overscaled
ADC values every 10 µs when the device is not in cool down mode.
0x9BA3
R/W
ENERGY METER CHANNEL 1 ACCUMULATOR REGISTER
Address: 0x017, Reset: 0x0000, Name: EGY_MTR1
Energy meter Channel 1.
Table 41. Bit Descriptions for EGY_MTR1
Bits
Bit Name
Description
Reset
Access
[15:0]
EGY_MTR1
Channel 1 Energy Meter. The current accumulated value.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com