Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1201 Datasheet(PDF) 10 Page - Analog Devices

Part # ADE1201
Description  Single Channel, Configurable, Isolated Digital Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1201 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADE1201 Datasheet HTML 6Page - Analog Devices ADE1201 Datasheet HTML 7Page - Analog Devices ADE1201 Datasheet HTML 8Page - Analog Devices ADE1201 Datasheet HTML 9Page - Analog Devices ADE1201 Datasheet HTML 10Page - Analog Devices ADE1201 Datasheet HTML 11Page - Analog Devices ADE1201 Datasheet HTML 12Page - Analog Devices ADE1201 Datasheet HTML 13Page - Analog Devices ADE1201 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
ADE1201
Data Sheet
Rev. 0 | Page 10 of 40
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 10.
Parameter
Rating
VDD to GND
−0.3 V to +3.7 V
IN1 to GNDF
−0.2 V to +2 V
LOAD1 to GNDF
−0.3 V to +7.7 V
GATE to GNDF
−0.3 V to +7.7 V
Digital Input Voltage to GND
−0.3 V to VDD + 0.3 V
Digital Output Voltage to GND
−0.3 V to VDD + 0.3 V
Operating Temperature
Industrial Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)1
300°C
Electrostatic Discharge (ESD)
Human Body Model2
±5 kV
Field Induced Charged Device Model
(FICDM)3
±1.5 kV
1 Analog Devices, Inc., recommends that reflow profiles used in soldering
RoHS compliant devices conform to J-STD-020D.1 from JEDEC. Refer to
JEDEC for the latest revision of this standard.
2 Applicable standard: ANSI/ESDA/JEDEC JS-001-2014.
3 Applicable standard: JESD22-C101F (ESD FICDM standard of JEDEC).
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to PCB design and
operating environment. Careful attention to PCB thermal
design is required.
θJA is the junction to ambient thermal resistance. θJC is the
junction to case thermal resistance. ΨJT is the junction to top
characterization parameter.
Table 11. Thermal Resistance1
Package Type
θJA
θJC
ΨJT
Unit
CC-20-5
168
76
12
°C/W
1 Based on simulated data using a JEDEC 2s2p thermal test board in a JEDEC
natural convection environment. See JEDEC specification JESD-51 for details.
ESD CAUTION
Table 12. Maximum Continuous Working Voltage1
Parameter
Max
Unit
Reference Standard2
AC Voltage
Bipolar Waveform
Basic Insulation
636
V peak
Lifetime limited by insulation lifetime per VDE-0884-11
Reinforced Insulation
537
V peak
Lifetime limited by package creepage per IEC 60664-1
Unipolar Waveform
Basic Insulation
1242
V peak
Lifetime limited by package creepage per IEC 60664-1
Reinforced Insulation
621
V peak
Lifetime limited by package creepage per IEC 60664-1
DC Voltage
Basic Insulation
760
V peak
Lifetime limited by package creepage per IEC 60664-1
Reinforced Insulation
380
V peak
Lifetime limited by package creepage per IEC 60664-1
1 The maximum continuous working voltage refers to the continuous voltage magnitude imposed across the isolation barrier. See the Insulation Wear Out section for more details.
2 Insulation lifetime for the specified test condition is greater than 50 years.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com