Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1201 Datasheet(PDF) 6 Page - Analog Devices

Part # ADE1201
Description  Single Channel, Configurable, Isolated Digital Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1201 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADE1201 Datasheet HTML 2Page - Analog Devices ADE1201 Datasheet HTML 3Page - Analog Devices ADE1201 Datasheet HTML 4Page - Analog Devices ADE1201 Datasheet HTML 5Page - Analog Devices ADE1201 Datasheet HTML 6Page - Analog Devices ADE1201 Datasheet HTML 7Page - Analog Devices ADE1201 Datasheet HTML 8Page - Analog Devices ADE1201 Datasheet HTML 9Page - Analog Devices ADE1201 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
ADE1201
Data Sheet
Rev. 0 | Page 6 of 40
TIMING CHARACTERISTICS
Table 3. Input Signal Timing Characteristics
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Input Signal Filter Resolution1
20
μs
Time Delay from Step Change on IN1 Input to DOUT1
Change State
60
86
110
μs
BIN_FILTER_VAL = 3, with step on IN1 from 0 V to 0.8 V
Power-Up Time
110
ms
With initial VDDI = 0 V, using recommended circuit in
Figure 20
ADDR Pin Load Time1
320
μs
After power-on (see Figure 22)
1 Guaranteed by design.
Table 4. Programmable Load Switching Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Turn On Rise Time
tR
2
9
μs
In high idle mode with a 200 mA pulse
Pulsed Current On Time
tPK
4
4.1
4.3
ms
HIGH_TIME = 400
Turn Off Fall Time
tF
0.025
μs
tR
tF
tPK
HIGH CURRENT
MAXIMUM
LOW CURRENT
MAXIMUM
0%
100%
PROGRAMMABLE LOAD
CURRENT
Figure 2. Programmable Load Switching Characteristics
Table 5. SPI Timing Parameters
Parameter1
Symbol
Min
Typ
Max
Unit
CS to SCLK Negative Edge
tSS
10
ns
SCLK Frequency
fSCLK
0.00025
10
MHz
SCLK Low Pulse Width
tSL
40
ns
SCLK High Pulse Width
tSH
40
ns
Data Output Valid After SCLK Edge
tDAV
40
ns
Data Input Setup Time Before SCLK Edge
tDSU
10
ns
Data Input Hold Time After SCLK Edge
tDHD
10
ns
Data Output Fall Time
tDF
10
ns
Data Output Rise Time
tDR
10
ns
SCLK Rise Time
tSR
10
ns
SCLK Fall Time
tSF
10
ns
MISO Disable After CS Rising Edge
tDIS
100
ns
CS High After SCLK Edge
tSFS
0
ns
1 Guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com