Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1201 Datasheet(PDF) 27 Page - Analog Devices

Part # ADE1201
Description  Single Channel, Configurable, Isolated Digital Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1201 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADE1201 Datasheet HTML 23Page - Analog Devices ADE1201 Datasheet HTML 24Page - Analog Devices ADE1201 Datasheet HTML 25Page - Analog Devices ADE1201 Datasheet HTML 26Page - Analog Devices ADE1201 Datasheet HTML 27Page - Analog Devices ADE1201 Datasheet HTML 28Page - Analog Devices ADE1201 Datasheet HTML 29Page - Analog Devices ADE1201 Datasheet HTML 30Page - Analog Devices ADE1201 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
Data Sheet
ADE1201
Rev. 0 | Page 27 of 40
VERSION
The REVID bits (Bits[8:5]) in the CTRL register identify the
version of the IC.
INSULATION WEAR OUT
The lifetime of insulation caused by wear out is determined by
the isolation thickness, material properties, and the voltage
stress applied. It is important to verify that the product lifetime
is adequate at the application working voltage. The working
voltage supported by an isolator for wear out may not be the
same as the working voltage supported for tracking. The working
voltage applicable to tracking is specified in most standards.
Testing and modeling show that the primary driver of long term
degradation is displacement current in the polyimide insulation
causing incremental damage. The stress on the insulation can be
broken down into broad categories, such as dc stress, which
causes very little wear out because there is no displacement
current, and an ac component time varying voltage stress,
which causes wear out.
The ratings in certification documents are typically based on
60 Hz sinusoidal stress because this value reflects isolation from
the line voltage. However, many practical applications have
combinations of 60 Hz ac and dc across the barrier, as shown
in Equation 14. Because only the ac portion of the stress causes
wear out, the equation can be rearranged to solve for the ac rms
voltage, as shown in Equation 15. For insulation wear out with the
polyimide materials used in the ADE1201, the ac rms voltage
determines the product lifetime.
22
RMS
AC RMS
DC
V
V
V
=
+
(14)
or
22
AC RMS
RMS
DC
V
VV
=
−
(15)
where:
VRMS is the total rms working voltage.
VAC RMS is the time varying portion of the working voltage.
VDC is the dc offset of the working voltage.
Calculation and Use of Parameters Example
The following example frequently arises in power conversion
applications. Assume that the line voltage on one side of the
isolation is 240 V ac rms and a 400 V dc bus voltage is present
on the other side of the isolation barrier. The isolator material is
polyimide. To establish the critical voltages in determining the
creepage, clearance, and lifetime of a device, see Figure 44 and
the following equations.
TIME
VAC RMS
VRMS
VDC
VPEAK
Figure 44. Critical Voltage Example
Calculate the working voltage across the barrier from Equation 16
with the following equations:
22
RMS
AC RMS
DC
V
V
V
=
+
(16)
22
240
400
RMS
V
=
+
(17)
In this example, VRMS = 466 V.
This VRMS value is the working voltage used together with the
material group and pollution degree when looking up the
creepage required by a system standard.
To determine if the lifetime is adequate, obtain the time varying
portion of the working voltage. To obtain the ac rms voltage,
use Equation 18.
22
AC RMS
RMS
DC
V
VV
=
−
(18)
22
466
400
AC RMS
V
=
−
(19)
In this example, VAC RMS = 240 V rms.
In this case, the ac rms voltage is simply the line voltage of
240 V rms. This calculation is more relevant when the waveform is
not sinusoidal. The value is compared to the limits for working
voltage in Table 12 for the expected lifetime, is less than a 60 Hz
sine wave, and is well within the limit for a 50-year service life.
Note that the dc working voltage limit in Table 12 is set by the
creepage of the package as specified in IEC 60664-1. This value
can differ for specific system level standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com