Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1201 Datasheet(PDF) 22 Page - Analog Devices

Part # ADE1201
Description  Single Channel, Configurable, Isolated Digital Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1201 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADE1201 Datasheet HTML 18Page - Analog Devices ADE1201 Datasheet HTML 19Page - Analog Devices ADE1201 Datasheet HTML 20Page - Analog Devices ADE1201 Datasheet HTML 21Page - Analog Devices ADE1201 Datasheet HTML 22Page - Analog Devices ADE1201 Datasheet HTML 23Page - Analog Devices ADE1201 Datasheet HTML 24Page - Analog Devices ADE1201 Datasheet HTML 25Page - Analog Devices ADE1201 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
ADE1201
Data Sheet
Rev. 0 | Page 22 of 40
EXTERNAL FET PROTECTION
The external FET protection function monitors the
approximate FET energy based on the programmed load
current and measured digital input voltage over time. When the
accumulation reaches a user programmed limit threshold that is
a function of the programmed current load, the pulsed current
is turned off for a cool down period.
Threshold Calculation
Calculate the expected ADC code for a given input, ADC1, with
the following equation and round to the nearest whole number:
ADC1 = ((Voltage × Gain × Full Scale ADC Codes)/
(Voltage Divider × Reference))
(5)
where:
Voltage is the input voltage to the ADE1201 application circuit
measured in V.
Gain is 1, 2, 5, or 10 according to the setting in the
PGA_GAIN register.
Full Scale ADC Codes is the maximum code output by the ADC,
which is 255.
Voltage Divider is the application circuit voltage divider ratio.
Reference is the voltage reference value, typically 1.25 V,
expressed in V.
Using the safe operating area for the external FET, a threshold,
EGY_MTR_THR, can be calculated to prevent energy from the
pulsed current from exceeding this threshold. To calculate the
threshold, use the following equation:
EGY_MTR_THR = (SOA × ADC1)/(Voltage ×
Pulsed Current × Rate × 27)
(6)
where:
SOA is the energy that can be safely dissipated by the FET,
expressed in J.
Pulsed Current is the pulsed current setting in the
programmable load expressed in A.
Rate is the accumulation rate, 1/100 kHz = 10 µs, expressed in
seconds.
The expected increase for each pulse is given by the following
equation:
Single Pulse Increase = (ADC1 ×
Pulse Current Time)/(Rate × 27)
(7)
When the ADC code is equal to 0xFF in a pulsed current state,
the IN1 input voltage may be greater than the ADC input
voltage range, which can cause the external FET to reach the
limit of the safe operating area more quickly. To model this
effect, configure the OV_SCALE bits in the EGY_MTR_CTRL
register to set an overvoltage scaling factor to speed up the FET
energy monitoring accumulation. In this condition, the value of
each pulse can be calculated with the following equation:
(Overvoltage Factor × Full Scale ADC Codes ×
Pulse Current Time)/(Rate × 27)
(8)
where Overvoltage Factor is configured in the OV_SCALE bits in
the EGY_MTR_CTRL register to allow a 1, 4, 8, or 16 scaling
factor.
Cool Down Configuration
When the monitored FET energy reaches the user programmed
energy limit threshold, the pulsed current is turned off for a cool
down period. The cool down period, expressed in seconds, is set in
Bits[3:0] (COOLDOWN_SEC) in the EGY_MTR_CTRL register
(Address 0x015). If the COOLDOWN_SEC bits are cleared to 0,
the cool down functionality is disabled, the load current is not
turned off, and the accumulator is forced to 0.
The external FET energy accumulator is decremented
outside of the pulsed current period by a quantity set in the
COOLDOWN_DECR bits (EGY_MTR_CTRL register,
Bits[15:8]). The decrement frequency is set in the COOLDOWN_
TIMESTEP bits (EGY_MTR_CTRL register, Bits[5:4]). The
frequency can be 10 µs (Bits[5:4] = 00), 20 µs (Bits[5:4] = 01),
40 µs (Bits[5:4] = 10), or 80 µs (Bits[5:4] = 11).
When the ADE1201 is in the cool down period, the
EGY_MTR1 accumulator resets to 0.
The external FET protection function mechanism is shown in
Figure 33.
LOAD
CURRENT
MIN
0
INPUT
VOLTAGE
ON
TIME
0
ENERGY
THRESHOLD
0
FET ENERGY
ACCUMULATOR
DECREMENT DURING
OFF TIME BASED ON
COOLDOWN_DECR AND
COOLDOWN_TIMESTEP
COOLDOWN TIME SET IN
COOLDOWN_SEC.FET
ENERGY ACCUMULATOR RESET
THRESHOLD SET IN
EGY_MTR_THR
OFF
TIME
PROGRAMMED
COOL DOWN
TIME
PROGRAMMED
ENERGY LIMIT
Figure 33. FET Protection Cool Down Feature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com