Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1201 Datasheet(PDF) 36 Page - Analog Devices

Part # ADE1201
Description  Single Channel, Configurable, Isolated Digital Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1201 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADE1201 Datasheet HTML 32Page - Analog Devices ADE1201 Datasheet HTML 33Page - Analog Devices ADE1201 Datasheet HTML 34Page - Analog Devices ADE1201 Datasheet HTML 35Page - Analog Devices ADE1201 Datasheet HTML 36Page - Analog Devices ADE1201 Datasheet HTML 37Page - Analog Devices ADE1201 Datasheet HTML 38Page - Analog Devices ADE1201 Datasheet HTML 39Page - Analog Devices ADE1201 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
ADE1201
Data Sheet
Rev. 0 | Page 36 of 40
STATUS REGISTER
Address: 0x00D, Reset: 0x4000, Name: STATUS
The bits in this register are not latched and can be polled to determine the current status of the desired event.
Table 31. Bit Descriptions for STATUS
Bits
Bit Name
Description
Reset
Access
15
RESERVED
Reserved.
0x0
R
14
RSTBUSY
RSTBUSY goes from 0 to 1 to indicate that the device has reset and is ready to be programmed
or begin default normal operation. Because this bit is active low, the user can distinguish
between a bad read (0xFFFF) and an initialized device.
0x1
R
13
BUSY
Internal Communications Busy.
0x0
R
12
RESERVED
Reserved.
0x0
R
11
COOLDOWN1
Channel 1 is in cool down mode.
0x0
R
10
TSD
Thermal Shutdown Detected.
0x0
R
9
COMFLT
Communication Fault.
0x0
R
8
MEMFLT
Memory Fault. When a memory fault is detected, the user can reconfigure the device.
0x0
R
[7:4]
RESERVED
Reserved.
0x0
R
3
WARNC1
Warning C from Channel 1.
0x0
R
2
WARNB1
Warning B from Channel 1.
0x0
R
1
WARNA1
Warning A from Channel 1.
0x0
R
0
DOUT1
DOUT1.
0x0
R
ADC REGISTER
Address: 0x00E, Reset: 0x0000, Name: ADC
ADC sample updates at 100 kHz.
Table 32. Bit Descriptions for ADC
Bits
Bit Name
Description
Reset
Access
[15:8]
RESERVED
Reserved.
0x0
R
[7:0]
ADC1
ADC Channel 1.
0x0
R
ADC DECIMATED REGISTER
Address: 0x00F, Reset: 0x0000, Name: ADCDEC
Decimated ADC sample(s).
Table 33. Bit Descriptions for ADCDEC
Bits
Bit Name
Description
Reset
Access
[15:8]
RESERVED
Reserved.
0x0
R
[7:0]
ADCDEC1
ADC Channel 1 Decimated. The sample is decimated at the rate determined by the DECRATE bit field.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com