Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1201 Datasheet(PDF) 19 Page - Analog Devices

Part # ADE1201
Description  Single Channel, Configurable, Isolated Digital Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1201 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADE1201 Datasheet HTML 15Page - Analog Devices ADE1201 Datasheet HTML 16Page - Analog Devices ADE1201 Datasheet HTML 17Page - Analog Devices ADE1201 Datasheet HTML 18Page - Analog Devices ADE1201 Datasheet HTML 19Page - Analog Devices ADE1201 Datasheet HTML 20Page - Analog Devices ADE1201 Datasheet HTML 21Page - Analog Devices ADE1201 Datasheet HTML 22Page - Analog Devices ADE1201 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Data Sheet
ADE1201
Rev. 0 | Page 19 of 40
Comparator in GT Mode
In GT mode, when the ADC output is greater than the high
threshold level, the comparator output is set high. The
comparator output is set low when the ADC output drops
below the high threshold level. The behavior of the comparator
in GT output mode is shown in Figure 27.
TIME
HIGH THRESHOLD
LEVEL
ADC
OUTPUT
COMPARATOR
OUTPUT
TIME
Figure 27. Comparator Behavior in GT Output Mode
Comparator in LT Mode
In LT mode, when the ADC output is lower than or equal to the
high threshold level, the comparator output is set high. The
comparator output is set low when the ADC output is greater
than the high threshold level. The behavior of the comparator in
LT output mode is shown in Figure 28.
TIME
HIGH THRESHOLD
LEVEL
ADC
OUTPUT
COMPARATOR
OUTPUT
TIME
Figure 28. Comparator Behavior in LT Output Mode
Debounce Function
A debounce filter follows the comparator in each datapath.
Each debounce filter consists of a counter that increments every
20 µs. The maximum debounce time is 163.82 ms. A filter
length of 0 means the debounce filter is bypassed. To calculate
the filter length, use the following equation:
Filter Length = Debounce Time/Channel Update
where:
Filter Length is the value that is written in the
BIN_FILTER_VAL, WARNA_FILTER_VAL,
WARNB_FILTER_VAL, and WARNC_FILTER_VAL bit fields.
Debounce Time is the desired length of the filter expressed in µs.
Channel Update is 20 µs.
The debounce filter can function in two modes, managed by
Bit 14 of the BIN_FILTER, WARNA_FILTER, WARNB_FILTER,
and WARNC_FILTER registers. If Bit 14 is 0 (the default value)
the filter is in up/clear mode. If Bit 14 is 1, the filter is in
up/down mode.
Debounce Function Up/Clear Mode
In up/clear mode, the filter counter increments while the
comparator output is high until the counter reaches the filter
length. If the comparator output goes low before the filter
length has been reached, the counter is cleared.
When the filter length has been reached, the filter output goes
high. The counter stops incrementing when the comparator
output is high. The counter is decremented when the comparator
output goes low. When the counter decrements to 0, the filter
output goes low. If the comparator output goes from low to high
before the counter decrements to 0, the counter is reset to the
filter length.
Debounce Function Up/Down Mode
In up/down mode, the filter counter increments while the
comparator output is high until the counter reaches the filter
length. If the comparator output is low, the counter is
decremented.
When the filter length has been reached, the filter output goes
high. The counter stops incrementing when the comparator
output is high. When the comparator output is low, the counter
is decremented. When the counter decrements to 0, the filter
output goes low.
See Figure 29 for an example of the debounce filter working in
up/down mode and up/clear mode.
The output of the debounce filter can be read through the SPI
in the corresponding DOUT1, WARNA1, WARNB1, and
WARNC1 bits in the STATUS register, and the DOUT1 filter
output represents the status for the IN1 filter output.
The status of the DOUT1 filter output is reflected on the
DOUT1 pin. The debounce filter outputs can be configured to
trigger an interrupt on the IRQ pin (see the Interrupt section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com