Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1201 Datasheet(PDF) 16 Page - Analog Devices

Part # ADE1201
Description  Single Channel, Configurable, Isolated Digital Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1201 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADE1201 Datasheet HTML 12Page - Analog Devices ADE1201 Datasheet HTML 13Page - Analog Devices ADE1201 Datasheet HTML 14Page - Analog Devices ADE1201 Datasheet HTML 15Page - Analog Devices ADE1201 Datasheet HTML 16Page - Analog Devices ADE1201 Datasheet HTML 17Page - Analog Devices ADE1201 Datasheet HTML 18Page - Analog Devices ADE1201 Datasheet HTML 19Page - Analog Devices ADE1201 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
ADE1201
Data Sheet
Rev. 0 | Page 16 of 40
THEORY OF OPERATION
The ADE1201 is a single channel, configurable, isolated digital
input monitor designed for energy transmission and
distribution applications. The ADE1201 contains an isolated
and a nonisolated side (see Figure 21).
Only a single 3.3 V supply is required to power the ADE1201.
The isolated side (the VDDI pin and GNDF pin) is supplied
from an internal, isolated dc-to-dc converter, which is generated
from the VDD pin and GND pin on the nonisolated side. The
isoPower technology eliminates the need for an external,
isolated power supply.
The isolated side of the device contains a PGA, an SAR ADC, a
programmable load, and a gate drive.
Digital isolators allow the isolated side to communicate with the
nonisolated side.
The nonisolated side signal conditions the ADC data coming
from the isolated side and creates the DOUT1 digital output.
The digital output reflects the status of the IN1 digital input
from the isolated side.
The SPI is used to initialize the ADE1201 and can be used to
monitor status and ADC waveforms during operation.
POWER SUPPLY AND CONDITIONING
VDD, VLDO, and GND Pins
Connect the VDD pin to a 3.3 V logic level supply. Decouple
these pins to the GND pin with the recommended capacitors
shown in Table 16, and see the Layout Guidelines section for
recommendations on how to make these connections.
GNDF Pins
The GNDF pins are used to reference the high voltage side circuits
after the isolation barrier. The GNDF pin located at Pin 1 is used to
provide a return path for current from the internal
programmable load. The GNDF pin located at Pin 10 is used
as a reference for internal, isolated power supply and the LDO
regulator. Both Pin 1 and Pin 10 are required to be connected to
the high voltage ground plane on the PCB. The detailed grounding
method is described in the Layout Guidelines section.
VDDI and VDDL Supplies
The VDDI pin is the 2.0 V, isolated side power supply output,
and the VDDL pin is the 1.8 V output of the analog LDO
regulator. Decouple these pins to GNDF (Pin 10) with the
recommended capacitors shown in Table 16, and see the Layout
Guidelines section for recommendations.
Note that no external component can be supplied from the
VDDI and GNDF isolated power supply outputs.
Power-Up
At power-up, the following steps must be taken by the host
controller managing a system formed by one or multiple
ADE1201 devices:
1.
Supply 3.3 V to the VDD pin. The dc-to-dc converter
powers up and supplies the isolated side of the ADE1201.
The full device becomes functional. See Table 3 for the
power-up time.
2.
To determine when the ADE1201 devices are ready to
accept commands, read the INT_STATUS register of each
device until Bit 14 (RSTDONE) is set to 1.
3.
Use the SPI to initialize the configuration registers
(BIN_FILTER, PL_EN, and PGA_GAIN) of each ADE1201.
4.
Write 0xADE1 to the LOCK register to complete the
configuration process.
DECIMATION
COMPARATOR
FILTERING
OUTPUT CONTROL
SPI PORT
PROGRAMMABLE
LOAD
GATE DRIVE
LDO
REGULATOR
VDD
GND
VLDO
DOUT1
IRQ
ADDR
CS
SCLK
MOSI
MISO
GNDF
VDDI
VDDL
GATE
LOAD1
GNDF
PGA
IN1
10
9
7
11
12
13
14
15
16
17
18
19
20
5
3
2
1
DATA
ISOLATION
POWER
ISOLATION
ISOLATED SIDE
NONISOLATED SIDE
ADC
LDO
REGULATOR
Figure 21. ADE1201 Nonisolated and Isolated Sides



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com