Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1201 Datasheet(PDF) 28 Page - Analog Devices

Part # ADE1201
Description  Single Channel, Configurable, Isolated Digital Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1201 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADE1201 Datasheet HTML 24Page - Analog Devices ADE1201 Datasheet HTML 25Page - Analog Devices ADE1201 Datasheet HTML 26Page - Analog Devices ADE1201 Datasheet HTML 27Page - Analog Devices ADE1201 Datasheet HTML 28Page - Analog Devices ADE1201 Datasheet HTML 29Page - Analog Devices ADE1201 Datasheet HTML 30Page - Analog Devices ADE1201 Datasheet HTML 31Page - Analog Devices ADE1201 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
ADE1201
Data Sheet
Rev. 0 | Page 28 of 40
LAYOUT GUIDELINES
Figure 20 shows the schematic of the typical ADE1201
application circuit.
A 4-layer PCB is recommended for the application circuit.
Figure 45 shows the recommended layout to interface one
digital input channel given on P0 with one ADE1201. Do not tie
the GNDF pins from multiple ADE1201 application circuits
together if ac or negative dc inputs are applied.
Figure 45. ADE1201 Circuit Board, Top Layer
Figure 46 shows a close up of the Figure 45 layout, focusing on
the critical areas around the ADE1201.
Figure 46. Close Up of the ADE1201 Support Circuitry
FERRITE BEAD
A ferrite bead is placed on the drain of the FET to prevent
parasitics in the application circuit from resonating with the
FET at high frequencies (hundreds of MHz).
Place a ferrite bead near the drain of the FET (see the yellow
Circle 1 labels in Figure 46).
DECOUPLING AND GROUND PLANE CONNECTION
A low inductance path to the ground plane is required. It is
recommended to use multiple vias to lower the inductance and
provide multiple connections to the GNDF ground pins, Pin 1
and Pin 10.
When placing the decoupling capacitors, ensure that the smaller
capacitor, 0.1 µF, is placed as close as possible to the VDDI pin
and GNDF pin (Pin 10) to provide a low inductance from the
pin to the capacitor, and from the capacitor to ground.
Figure 47 and Figure 48 show close ups of the recommended
layout around the ADE1201 Pin 1 and Pin 10, which are
indicated by the yellow Circle 2 labels in Figure 46.
Figure 47. ADE1201 Pin 1 Close Up
Figure 48. ADE1201 Pin 10 Close Up
Similar rules apply for decoupling on the isolated side for the
GND and VDD supplies on Pin 11 and Pin 12 (see the yellow
Circle 4 label in Figure 46).
Do not tie the GNDF pins from multiple ADE1201 application
circuits together if ac or negative dc inputs are applied.
ELECTOMAGNETIC INTERFACE (EMI) CAPACITOR
High voltage capacitors are recommended to improve emissions
and immunity to conducted disturbances.
These capacitors must be connected between the two ground
planes (GND and GNDF) through multiple vias, as shown in
Figure 49 (see the yellow Circle 3 label in Figure 46).
Take care to meet the application creepage and clearance
requirements because the distance between the ground planes
and the copper on the capacitor footprint is lower than the
creepage and clearance of the ADE1201. Through-hole
capacitors are not recommended.
Figure 49. EMI Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com