Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1201 Datasheet(PDF) 23 Page - Analog Devices

Part # ADE1201
Description  Single Channel, Configurable, Isolated Digital Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1201 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADE1201 Datasheet HTML 19Page - Analog Devices ADE1201 Datasheet HTML 20Page - Analog Devices ADE1201 Datasheet HTML 21Page - Analog Devices ADE1201 Datasheet HTML 22Page - Analog Devices ADE1201 Datasheet HTML 23Page - Analog Devices ADE1201 Datasheet HTML 24Page - Analog Devices ADE1201 Datasheet HTML 25Page - Analog Devices ADE1201 Datasheet HTML 26Page - Analog Devices ADE1201 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Data Sheet
ADE1201
Rev. 0 | Page 23 of 40
GATE DRIVE
The GATE pin is used to drive an external high voltage
enhancement mode FET, Q1. After power-up, the GATE pin is
biased at VGATENOM to allow Q1 to conduct the constant current
while protecting the LOAD1 pin, as shown in Figure 34. One
10 Ω, external, gate current limiting resistor (R13), and a 0.1 µF
gate capacitor (C5) are required for stability. Table 1 shows the
nominal VGATENOM voltage (see Figure 34).
During a pulsed current, VGATENOM is regulated to reduce the
voltage on the LOAD1 pin to minimize on-chip power
consumption.
When the external FET is conducting, the corresponding
LOAD1 pin (VGS) is at 0.6 V.
After a pulsed current period, the GATE voltage is regulated
back to VGATENOM. The ADE1201 is compatible with FETs with a
maximum VGS of 6 V.
Q1
E5
FB
GATE
IN1
R13
LOAD1
10Ω
C3
0.1µF
C5
0.1µF
V2
ADE1201
GNDF
MOV
275VAC/350VDC
D1
+
~
~
R4
E3
10Ω
FB
R5
E4
10Ω
FB
C2
10nF
VGS
R12
1.1kΩ
1nF
C6
≤300V
R1
95.3kΩ
R2
95.3kΩ
R3
95.3kΩ
Figure 34. FET Gate Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com