Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1201 Datasheet(PDF) 5 Page - Analog Devices

Part # ADE1201
Description  Single Channel, Configurable, Isolated Digital Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1201 Datasheet(HTML) 5 Page - Analog Devices

  ADE1201 Datasheet HTML 1Page - Analog Devices ADE1201 Datasheet HTML 2Page - Analog Devices ADE1201 Datasheet HTML 3Page - Analog Devices ADE1201 Datasheet HTML 4Page - Analog Devices ADE1201 Datasheet HTML 5Page - Analog Devices ADE1201 Datasheet HTML 6Page - Analog Devices ADE1201 Datasheet HTML 7Page - Analog Devices ADE1201 Datasheet HTML 8Page - Analog Devices ADE1201 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Data Sheet
ADE1201
Rev. 0 | Page 5 of 40
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC OUTPUTS (MISO, DOUT1, IRQ)
The IRQ pin is open-drain
Output High Voltage
VOH
2.4
V
Source current (ISOURCE) = 3.5 mA
Output Low Voltage
VOL
0.4
V
Sink current (ISINK) = 3.5 mA
POWER SUPPLY
Operating Voltage Range
VDD
2.97
3.63
V
Supply Current
IDD
3.3
4.3
6.7
mA
1 Guaranteed by design and characterization.
Table 2. SAR, ADC, and PGA Characteristics
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SPEED AND PERFORMANCE
ADC Resolution
8
bits
No missing codes
Throughput
100
kSPS
SIGNAL-TO-NOISE RATIO (SNR)
PGA = 1, 2, 5
48
dB
PGA = 10
46
dB
DC ACCURACY
INL
0.25
LSB
DNL
0.25
LSB
Gain Error
−2.5
+2.5
%FSR
PGA = 1, 2, 5, 10
Offset Error
−3
+3
LSB
PGA = 1, 2, 5, 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com