Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCY99080CDWR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # SCY99080CDWR2G
Description  High Performance Switch-Mode Power Supply Controller for Backlight and LLC Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SCY99080CDWR2G Datasheet(HTML) 4 Page - ON Semiconductor

  SCY99080CDWR2G Datasheet HTML 1Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 2Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 3Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 4Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 5Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 6Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 7Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 8Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
DDA002C
http://onsemi.com
4
SW1
BO
Filter
BO_ OK
TSD
PFC TIMER
Start
50 ms one shoot
100 ms
S
R
UV
Detect
Hgd
Boot
HB
Vcc
CIG_E
SW2
CIG_I
CIG
Dgs
SS_E
SW3
SS
SS_OK
R_Fmin
R_Fmax
Voltage controlled
oscillator
I_Fmin
I_Fmax
I_Dgs
B
A
ON_TIME
CLAMP
Lgd
DELAY
Vcc
Gnd
Hgs
Vcc
Lgs
Vcc
EN2
S
R
Q
FB FAULT TIMER
Start
FAULT
50 ms
TMR _EN
FB
FB _Fault
FB
Rfb
Vdd
OTPref_V
OTPref_I
OTP_latch
Vdd
NTC
DT
EN1
Figure 2. Internal Architecture
Q
Q
VCCon
Vref_Dgs
CIG_END
PFC_OK
VDD
VBULK
20 ms
VBO
IBO
Switch SW
open for
VinBO > VBO
Vref_Fmin
Vref_Fmax
VEN1
Vref_DT
Q
50 ms
Noise
Filter
VEN2
20 ns
RC
Filter
I_DT
OSC_EN
CIG_END
Pulse
Trigger
Level
Shifter
PFC_OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com