Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCY99080CDWR2G Datasheet(PDF) 18 Page - ON Semiconductor

Part # SCY99080CDWR2G
Description  High Performance Switch-Mode Power Supply Controller for Backlight and LLC Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SCY99080CDWR2G Datasheet(HTML) 18 Page - ON Semiconductor

Back Button SCY99080CDWR2G Datasheet HTML 14Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 15Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 16Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 17Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 18Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 19Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 20Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 21Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
DDA002C
http://onsemi.com
18
The selection of the three setting resistors (Fmax, Fmin and
deadtime) require the usage of the selection charts displayed
below:
50
100
150
200
300
350
400
2
4
6
8
10
12
16
18
20
Figure 38. Maximum Switching Frequency
Resistor Selection Depending on the Adopted
Minimum Switching Frequency
RFmax (kW)
14
22
250
450
500
Fmin = 200 kHz
Fmin = 30 kHz
Figure 39. Minimum Switching Frequency Resistor
Selection (Fmin = 20 kHz to 100 kHz)
20
30
40
50
60
70
80
20
40
60
80
100
120
RFmin (kW)
140
90
100
Figure 40. Minimum Switching Frequency Resistor
Selection (Fmin = 100 kHz to 500 kHz)
100
150
200
250
300
350
400
2
7
12
17
22
RFmin (kW)
450
500
0
200
400
600
800
1000
1200
1400
1600
1800
2000
1
11
2131
41
5161
71
81
Figure 41. Deadtime Resistor Selection
Rdt (kW)
Deadtime Control
Deadtime control is an absolute necessity when the
half−bridge configuration comes into play. The deadtime
technique consists of including a time period during which
both high and low side switches are off. Of course, the
deadtime amount should be different depending on the
switching frequency, hence the ability to adjust it on this
controller. The option ranges between 100 ns and 2
ms. The
deadtime is actually made by the internal timer which is a
part of the VCO. Please refer to Figures 35 and 37 for more
details. During the Ct_DT capacitor charge time, the internal
latch is set and invalidates the AND gates: all outputs are
low. When the comparator goes back to the low level, A and
B outputs are validated, while the timing capacitor Ct_T_On
recharges. By connecting a resistor RDT to the ground, it
creates a current whose image serves to charge the Ct_DT
capacitor − we control the deadtime. It typically ranges
between 100 ns (RDT = 2.7 kW) and 2 ms (RDT = 70 kW).
100 ms PFC Timer
The DDA002C device features an internal digital timer
that prolongs the device start by 100 ms after the controller
is enabled by Vccon and/or a BO event. This fixed delay
allows the PFC stage to fully stabilize the bulk voltage
before the resonant power stage is activated. The PFC delay
also occurs when the EN2 input is released.
Adjustable Preheat Period − CIG Timer
As this IC is tailored not only for the resonant SMPS
applications but also to drive HCFL lamp ballasts, it
includes an adjustable preheat timer that allows the designer
to accurately setup needed filament preheat time. The timer
uses an external capacitor (Cpreheat) that is charged from an
internal current source (CIG_I). The IC outputs are forced
(via VCO) to operate at the frequency that is given by the
parallel combination of resistors Rfmin and Rfstart until the
Cpreheat capacitor voltage reaches 5 V. Figure 42 shows the
internal arrangement of the GIC timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com