Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCY99080CDWR2G Datasheet(PDF) 12 Page - ON Semiconductor

Part # SCY99080CDWR2G
Description  High Performance Switch-Mode Power Supply Controller for Backlight and LLC Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SCY99080CDWR2G Datasheet(HTML) 12 Page - ON Semiconductor

Back Button SCY99080CDWR2G Datasheet HTML 8Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 9Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 10Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 11Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 12Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 13Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 14Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 15Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
DDA002C
http://onsemi.com
12
TYPICAL CHARACTERISTICS
Figure 21. HysteENX vs. Temperature
Figure 22. VEN2 vs. Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
110
80
65
20
5
−10
−25
−40
0
10
20
30
40
50
60
0.9930
0.9935
0.9940
Figure 23. VEN1 vs. Temperature
Figure 24. PFC_del vs. Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
0.989
0.990
0.991
0.992
0.993
0.994
0.996
0.997
92
94
96
98
100
102
106
108
Figure 25. SS_E vs. Temperature
Figure 26. CIG_E vs. Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
1.835
1.840
1.845
1.850
1.855
1.860
5.065
5.070
5.075
5.080
5.085
5.090
35 50
95
125
110
80
65
20
5
−10
−25
−40
35 50
95
125
0.9945
0.9950
0.9955
0.9960
0.9965
0.9970
0.9975
0.9980
0.9985
110
80
65
20
5
−10
−25
−40
35
50
95
125
0.995
110
80
65
20
5
−10
−25
−40
35 50
95
125
104
110
80
65
20
5
−10
−25
−40
35
50
95
125
110
80
65
20
5
−10
−25
−40
35 50
95
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com