Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCY99080CDWR2G Datasheet(PDF) 17 Page - ON Semiconductor

Part # SCY99080CDWR2G
Description  High Performance Switch-Mode Power Supply Controller for Backlight and LLC Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SCY99080CDWR2G Datasheet(HTML) 17 Page - ON Semiconductor

Back Button SCY99080CDWR2G Datasheet HTML 13Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 14Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 15Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 16Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 17Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 18Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 19Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 20Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
DDA002C
http://onsemi.com
17
Fmin
Fmax
5.1
6
Frequency
decreases
No
variations
FB fault
detection
Outputs
disabled
1.2
Figure 36. VCO Transfer Characteristic
VFB (V)
Operating
Frequency
The output frequency remains at Fmin and the duty cycle
is at its maximum value (50% − deadtime) when the FB pin
voltage ranges between 5.1 and 6 V. The frequency of the
converter varies between Fmin and Fmax values if the
feedback voltage changes from 5.1 to 1.2 V. If the feedback
voltage further decreases, the operating frequency stays
constant and is given by the R_fmax resistor value. The IC
disables all drivers once the feedback voltage goes below
1.2 V threshold − skip mode. Please refer also to typical
VCO operating waveforms in Figure 37.
V_FB
6V
5.1V
1.2V
C_DT
DT
A
B
C_Dgs
SR_A
SR_B
Variable Fop
DT=50%
Fixed
Fop=Fmin
DT=50%
Fop = Fmax
Ct_T_On
FB_Fault
Figure 37. VCO Operating Waveforms
FB_Fault
detected
Operation
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com