Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCY99080CDWR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # SCY99080CDWR2G
Description  High Performance Switch-Mode Power Supply Controller for Backlight and LLC Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SCY99080CDWR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button SCY99080CDWR2G Datasheet HTML 5Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 6Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 7Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 8Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 9Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 10Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 11Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 12Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
DDA002C
http://onsemi.com
9
TYPICAL CHARACTERISTICS
Figure 3. Fswmin vs. Temperature
Figure 4. Vbooton vs. Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
95
80
65
20
5
−10
−25
−40
60.0
60.1
60.2
60.3
60.4
60.5
60.6
60.7
8.65
8.70
8.75
8.80
8.90
8.95
9.05
9.10
Figure 5. VCC(min) vs. Temperature
Figure 6. VCCON vs. Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
9.34
9.35
9.36
9.37
9.38
9.41
9.42
9.43
11.65
11.70
11.75
11.80
11.85
11.90
Figure 7. OTPref_I vs. Temperature
Figure 8. Iduty min vs. Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
150
155
160
165
170
175
180
4.60
4.61
4.63
4.64
4.66
4.68
4.69
4.71
35 50
110 125
95
80
65
20
5
−10
−25
−40
35 50
110 125
8.85
9.00
95
80
65
20
5
−10
−25
−40
35 50
110 125
9.39
9.40
95
80
65
20
5
−10
−25
−40
35 50
110 125
95
80
65
20
5
−10
−25
−40
35 50
110 125
95
80
65
20
5
−10
−25
−40
35 50
110 125
4.62
4.65
4.67
4.70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com