Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCY99080CDWR2G Datasheet(PDF) 15 Page - ON Semiconductor

Part # SCY99080CDWR2G
Description  High Performance Switch-Mode Power Supply Controller for Backlight and LLC Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SCY99080CDWR2G Datasheet(HTML) 15 Page - ON Semiconductor

Back Button SCY99080CDWR2G Datasheet HTML 11Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 12Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 13Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 14Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 15Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 16Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 17Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 18Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
DDA002C
http://onsemi.com
15
Application Information
The DDA002C includes all necessary features that help
building a rugged and safe switch−mode power converter
for an LCD TV backlighting or LLC resonant SMPS
applications. The bullets below detail the benefits brought
by implementing the DDA002C controller:
• High−voltage drivers: thanks to the ON Semiconductor
proprietary technology, the DDA002C controller can
directly drive the upper−side transistor of a half−bridge
configuration biased up to 600 V.
• Wide frequency range: a high−speed Voltage Control
Oscillator allows operating frequency excursion from
30 kHz up to 500 kHz on the Lgd and Hgd outputs,
with a 50% duty−cycle. These two outputs are available
as synchronization signals via two ground−referenced
low−current outputs (Lgs and Hgs).
• Internal skip comparator: all drivers are disabled
when feedback voltage goes below 1.2 V level. The
skip comparator includes 50 mV hysteresis.
• PFC−delay: the controller includes a fixed 100 ms
delay to allow bulk voltage stabilization after the PFC
stage has been started. The PFC timer is reset at
power−on, when a brown−out condition occurs and
when the EN2 input is released. The controller is ready
(VREF is OK) but no pulses are delivered by the
outputs during this delay period.
• Pre−heat period: once the PFC delay has elapsed, the
circuit starts to pulse with start up frequency to
pre−heat the lamps (in HCFL ballast applications). This
period is also called CIG period.
• Adjustable soft−start: at the end of the pre−heat
period, the soft−start sequence takes place. The
controller starts pulsing with Fstart and reduces its
frequency down to Fmin. The feedback loop is supposed
to take over during this period. The Fstart frequency is
dictated by the parallel combination of Rfstart and Rfmin
resistors, the soft−start length is given by a capacitor
connected to the ground. The soft−start sequence is
activated after every controller restart.
• Open−Loop detection: the controller starts to monitor
the feedback voltage at the end of the soft−start period.
If it remains stuck above 6 V (it means the feedback
loop is not closed) the internal timer starts the
countdown. The controller latches off if this situation
lasts longer than 50 ms.
• Adjustable dead−time: using a single resistor wired to
the ground, the user has ability to include needed
dead−time that helps to fight cross−conduction between
the upper and lower bridge transistors.
• Adjustable minimum and maximum frequency
excursion: in resonant applications, it is important to
stay away from the resonating peak to keep the
converter operating in the right region (ZVS). It is also
needed, for ballast applications, to keep the Fmin
accuracy high since it dictates maximum lamp power.
Thanks to a single external resistor, the designer can
program its lowest frequency point, obtained due to a
lack of feedback voltage (during the startup sequence or
in short−circuit conditions). Internally trimmed
capacitor offers a
±3.3 % precision on the selection of
the minimum switching frequency. The adjustable
upper frequency limit is less precise (
±10%).
• Low startup current: the device requires only 300 mA
start−up current. This feature decreases the power
dissipation and/or shortening of the start−up time when
the controller is powered from an auxiliary winding and
starts using a startup resistor connected directly to the
bulk voltage.
• Brown−Out detection: the IC incorporates a brown out
comparator, which prevents the outputs from switching
in case the high−voltage rail is not within the right
boundaries. The turn on and off levels of the bulk
voltage can be adjusted independently thanks to the
internal current sink IBO.
• Enable1 input: when a voltage above 1 V is applied to
this pin, for a time longer than 50
ms, the controller
permanently latches−off. The latch resets when Vcc is
cycled below Vcc(min) or when there is a brown−out
event detected. The EN1 input is blanked during the
PFC delay and preheat periods.
• Enable2 input: when a voltage higher than 1 V is
applied to this pin, the controller immediately stops all
pulses. The controller restores operation (including
PFC delay, preheat and soft−start) when enable 2 input
voltage decreases down again.
• OTP latch input: by connecting an NTC resistor
between ground and the OTP_latch input, the designer
has ability to latch−off the controller in an
over−temperature condition. The OTP input is blanked
during the PFC delay, preheat and soft−start periods.
• Synchronization outputs: two low−current ground
referenced outputs (Lgs and Hgs) are available to
implement a full−bridge converter in higher power
configurations. A resistor connected to the Dgs pin sets
the maximum allowable on−time that is delivered by
these two outputs when used for synchronization
purpose.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com