Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCY99080CDWR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # SCY99080CDWR2G
Description  High Performance Switch-Mode Power Supply Controller for Backlight and LLC Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SCY99080CDWR2G Datasheet(HTML) 3 Page - ON Semiconductor

  SCY99080CDWR2G Datasheet HTML 1Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 2Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 3Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 4Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 5Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 6Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 7Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 8Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
DDA002C
http://onsemi.com
3
Pin Function Description
Pin No.
Pin Name
Function
Pin Description
1
BO
Brown−out
Detects low input voltage conditions and stops the controller. An internal
current source sets the hysteresis.
2
CIG
Warm−up time
A capacitor connected to ground sets the pre−heat time for ballast applica-
tions.
3
DGS
Synchronous output clamp
A resistor connected between this pin and ground adjusts the maximum on−
time available on Lgs and Hgs pins.
4
SS
Soft−start
Monitors the soft−start capacitor voltage to recognize end of the soft−start
period, discharges the soft−start capacitor during any IC restart.
5
R_Fmin
Minimum frequency resistor
Connecting a resistor between this pin and ground, sets the minimum oscil-
lator frequency reached for VFB ≥ 5.1 V
6
R_Fmax
Maximum frequency
resistor
A resistor connected between this pin and ground sets the maximum fre-
quency excursion reached for VFB ≤ 1.2 V
7
FB
Optocoupler connection
An optocoupler connected (by collector) between this pin and ground (by
emitter) changes the converter operating frequency. The switching frequency
increases when optocoupler pulls the FB pin down to ground.
8
OTP_latch
OTP latch input
If the voltage on this pin decreases below 1.5 V, the circuit latches off. This
pin sources 170 mA current so an NTC resistor can be connected directly to
this pin.
9
DT
Dead time
A resistor connected between this pin and ground sets the deadtime
between drivers.
10
EN1
Enable input 1
When the voltage level on this pin exceeds a reference level for more than
50 ms, all pulses are stopped and the circuit permanently latches off.
11
EN2
Enable input 2
When the voltage level on this pin exceeds a reference voltage, the circuit
stops pulsing. The IC auto−restarts via full startup sequence (PFC delay,
pre−heat, soft−start) when EN2 is released.
12
Lgs
Lower gate signal
Duplicates the lower gate signal for synchronization purposes. On time is
limited based on the Rdgs resistor value.
13
Hgs
Upper gate signal
Duplicates the upper gate signal for synchronization purposes. On time is
limited based on the Rdgs resistor value.
14
GND
Ground
The controller ground
15
Lgd
Low−side driver
Drives the low−side half−bridge MOSFET
16
Vcc
Controller Supply
Energizing the controller. This pin accepts voltage up to 20 Vdc
17
HB
Half−Bridge
Connects to the half−bridge output
18
Hgd
High−side driver
Drives the high−side half−bridge MOSFET
19
Boot
High side driver supply line
This pin supplies the internal high−side driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com