Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCY99080CDWR2G Datasheet(PDF) 21 Page - ON Semiconductor

Part # SCY99080CDWR2G
Description  High Performance Switch-Mode Power Supply Controller for Backlight and LLC Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SCY99080CDWR2G Datasheet(HTML) 21 Page - ON Semiconductor

Back Button SCY99080CDWR2G Datasheet HTML 17Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 18Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 19Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 20Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 21Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 22Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 23Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 24Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
DDA002C
http://onsemi.com
21
0s
5us 10us 15us 20us
25us 30us 35us 40us
Time
400
300
200
100
0V
11V
10V
8V
6V
4V
2V
0V
>>
Figure 46. Simulation Results for 350/250
ON/OFF Brown Out Levels
Vbulk = 250 V
Vbulk = 350 V
Note that the brown−out input will disable the controller
operation anytime its voltage goes below 1 V threshold. A
20
ms filter is used to improve the noise immunity of this
input. The full start−up sequence (i.e. PFC delay, preheat and
soft start) is provided by the controller in case the BO input
is re−enabled.
The IBO current sink is turned ON for 50 ms after any
controller restart to let the BO input voltage stabilize (big
capacitor can be connected to the BO input and the IBO is
only 20
mA so it will take some time to discharge). Once the
50 ms one shoot pulse ends the BO comparator is supposed
to either hold the IBO sink turned ON (if the bulk voltage
level is not sufficient) or turn it OFF (if the bulk voltage is
higher than Vbulk1).
See Figures 47 − 50 for better understanding on how the
BO input works.
Figure 47. BO Input Functionality −
Vbulk2 < Vbulk < Vbulk1
Figure 48. BO Input Functionality −
Vbulk2 < Vbulk < Vbulk1, PFC Start Follows
Figure 49. BO Input Functionality − Vbulk > Vbulk1
Figure 50. BO Input Functionality −
Vbulk < Vbulk2, PFC Start Follows



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com