Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCY99080CDWR2G Datasheet(PDF) 22 Page - ON Semiconductor

Part # SCY99080CDWR2G
Description  High Performance Switch-Mode Power Supply Controller for Backlight and LLC Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SCY99080CDWR2G Datasheet(HTML) 22 Page - ON Semiconductor

Back Button SCY99080CDWR2G Datasheet HTML 18Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 19Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 20Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 21Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 22Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 23Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 24Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 25Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
DDA002C
http://onsemi.com
22
OTPref _V = 1.5 V
OTP_latch
SS_OK
to permanent
latch
NTC
Figure 51. Internal Connection of the OTP Latch
VDD
OTPref_I = 170 mA
50 ms
Noise
Filter
OTP Latch
For most of the consumer electronic products there is a
necessity to implement over temperature protection to
comply with international standards. The DDA002C
controller features special OTP Latch input that makes OTP
implementation very easy and cheap since it does not require
any active components. Connection of the OTP Latch can be
seen in Figure 51.
The OTP_latch input permanently latches off the
controller if the external NTC resistor resistance decreases
below 8.8 k
Ω (1.5 V). The temperature turn off threshold can
be accurately adjusted using a serial or parallel resistor
connected to the given NTC sensor. The OTP_latch input
includes a 50
ms filter that improves noise immunity. Note
that the OTP_latch input is ignored during the whole startup
sequence (i.e. PFC delay, preheat and soft−start). When the
latch is once asserted, the VCC of the controller has to be
decreased below the VCC(min) level or the BO comparator
has to be re−triggered in order to restart the controller.
Figure 54 shows typical operating waveforms of the
OPT_latch input.
EN1 Input
The enable 1 input offers a way to permanently latch off
the controller in case the critical operating conditions of the
application are reached − such as over current or over
voltage conditions. Since this is the latching input it includes
50
ms noise filter to overcome false triggering caused by the
switching noise (pure grounding etc.). Internal connection
of the EN1 comparator is depicted in Figure 52. Note that the
enable 1 input functionality is disabled until preheat period
ends.
R2
R1
EN1
Figure 52. Internal Connection of the EN1 Comparator
To Permanent Latch
VEN1 = 1 V
To Input Current
Sensing Circuitry
50 ms
Noise
Filter
CIG_END
The Enable 1 comparator features −50 mV hysteresis,
which means that the EN1 input voltage has to go 50 mV
below VEN1 reference voltage to allow the controller to
restart. The controller can be restarted by two different
events: 1st The VCC is cycled down and up through the
VCC(off) level, or 2nd, the BO input is re−triggered (i.e. bulk
voltage is cycled down and up). Full start up sequence (PFC
delay, preheat and soft−start) occurs when the controller
restarts from EN1 latching event. Figure 53 shows the EN1
input related waveforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com