Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCY99080CDWR2G Datasheet(PDF) 13 Page - ON Semiconductor

Part # SCY99080CDWR2G
Description  High Performance Switch-Mode Power Supply Controller for Backlight and LLC Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SCY99080CDWR2G Datasheet(HTML) 13 Page - ON Semiconductor

Back Button SCY99080CDWR2G Datasheet HTML 9Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 10Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 11Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 12Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 13Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 14Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 15Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 16Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
DDA002C
http://onsemi.com
13
TYPICAL CHARACTERISTICS
Figure 27. CIG_I vs. Temperature
Figure 28. IHV_LEAK vs. Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
110
50
35
20
5
−10
−25
−40
9.2
9.4
9.6
9.8
10.0
10.4
10.6
10.8
0
0.5
1.0
1.5
2.0
2.5
3.0
Figure 29. FB_timer vs. Temperature
Figure 30. FB_Fault vs. Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
46.0
47.0
47.5
48.5
49.0
50.0
51.0
6.045
6.050
6.055
6.060
6.065
6.070
6.075
6.080
Figure 31. OTPref_V vs. Temperature
Figure 32. VBO vs. Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
1.484
1.486
1.488
1.490
1.492
1.494
1.496
0.990
0.991
0.992
0.993
0.994
0.996
0.997
0.998
10.2
95
80
65
125
110
50
35
20
5
−10
−25
−40
95
80
65
125
110
50
35
20
5
−10
−25
−40
95
80
65
125
110
50
35
20
5
−10
−25
−40
95
80
65
125
110
50
35
20
5
−10
−25
−40
95
80
65
125
110
50
35
20
5
−10
−25
−40
95
80
65
125
0.995
46.5
48.0
49.5
50.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com