Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCY99080CDWR2G Datasheet(PDF) 16 Page - ON Semiconductor

Part # SCY99080CDWR2G
Description  High Performance Switch-Mode Power Supply Controller for Backlight and LLC Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SCY99080CDWR2G Datasheet(HTML) 16 Page - ON Semiconductor

Back Button SCY99080CDWR2G Datasheet HTML 12Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 13Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 14Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 15Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 16Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 17Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 18Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 19Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
DDA002C
http://onsemi.com
16
Voltage−Controlled Oscillator
The VCO section features a high−speed circuitry allowing
operation from 60 kHz up to 1 MHz. However, as there is an
internal division by two, it creates Q and Q outputs. The final
effective signal on the outputs Lgd, Hgd, Lgs and Hgs
therefore switches between 30 kHz and 500 kHz. The VCO
is configured in such a way that if the feedback pin voltage
goes down, the switching frequency goes up. Figure 35
shows simplified architecture of the VCO.
DT
Vdd
Vref
Ct_DT
S
R
Q
Rfmin
Vdd
Vref
Ct_ T_On
Vdd
10 k
Vdd
FB
R_Fmax
FB_Fault
To_FB_Fault_Timer
Skip
Dgs
Vref
Ct_Dgs
Vdd
On_time_clamp
S
R
Q
D
CLK
from
internal logic
DT
A
B
To drivers
SR_A
SR_B
To SR drivers
Figure 35. Simplified VCO Architecture
Vref = 2.5 V
Vref_FB_Fault = 6 V
Vref_DC_0 = 1.2 V
Vref = 1.2 V
Vref = 1.2 V
Vref = 2.5 V
Q
Q
Vref = 2.5 V
The VCO conversion characteristic is shown in Figure 36.
The FB fault is detected in case the feedback voltage is
higher than 6 V. This will happen if the converter is
overloaded or the feedback path is not closed i.e. a broken
optocoupler. The internal fault timer starts to count once the
FB fault is detected and it latches off the controller if the fault
lasts more than 50 ms. To overcome triggering of the FB
fault protection during the application start, the FB timer is
disabled until the soft−start period ends (VSS > 1.9 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com