Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCY99080CDWR2G Datasheet(PDF) 23 Page - ON Semiconductor

Part # SCY99080CDWR2G
Description  High Performance Switch-Mode Power Supply Controller for Backlight and LLC Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SCY99080CDWR2G Datasheet(HTML) 23 Page - ON Semiconductor

Back Button SCY99080CDWR2G Datasheet HTML 19Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 20Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 21Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 22Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 23Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 24Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 25Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 26Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 27Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
DDA002C
http://onsemi.com
23
PFC_OK
CIG
SS
Vcc
EN1 is ignored until CIG ends
EN1 triggered
IC resets
EN1 enabled
SS not fully ended
CIG_end = 5V
EN1 cmp out
Vccmin = 9.5V
Vccon = 12V
IC restarts
100 ms
Figure 53. EN1 Input Functionality Description Waveforms − Vcc Restarted
DRV_outputs
PFC_OK
CIG
SS
DRV_outputs
BO
EN1 is ignored until CIG ends
OTP triggered
EN1 enabled
SS_End = 1.9V
CIG_End = 5V
OTP cmp_out
IC restarts
100 ms
OTP enabled
OTP is ignored until
Figure 54. OTP Input Functionality Description Waveforms − BO Restarted
Soft−start ends



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com