Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCY99080CDWR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # SCY99080CDWR2G
Description  High Performance Switch-Mode Power Supply Controller for Backlight and LLC Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SCY99080CDWR2G Datasheet(HTML) 5 Page - ON Semiconductor

  SCY99080CDWR2G Datasheet HTML 1Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 2Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 3Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 4Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 5Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 6Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 7Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 8Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
DDA002C
http://onsemi.com
5
Maximum Ratings
Symbol
Rating
Value
Unit
VHB
Continuous voltage on the bridge pin, pin 17
−1 to 600
V
Qmax
Maximum injected charge into the HB pin (Note 3)
11
nC
VBOOT−VHB
Floating supply voltage, pin 17 and 19
−0.3 to 20
V
VHgd
High side output voltage, pin 18
VHB−0.3 to
VBOOT+0.3
V
VLgd
Low side output voltage, pin 15
−0.3 to Vcc+0.3
V
dVHB/dt
Maximum slew rate on the HB pin, pin 17
±50
V/ns
Vcc
Power Supply voltage, pin 16
−0.3 to 20
V
pin voltage, all pins (except pin 3, 6, 15, 16, 17, 18, and 19)
−0.3 to 10
V
VDgs
Synchronous clamp pin voltage, pin 3
−0.3 to 5
V
VR_Fmax
Maximum frequency adjust pin voltage, pin 6
−0.3 to 5
V
RqJ−A
Thermal Resistance Junction−to−Ambient,
(Soldered on traces with total area of 50 mm2, 1 oz copper)
Thermal Resistance Junction−to−Ambient,
(Soldered on recommended layout, 1 oz copper)
137
117
°C/W
Storage Temperature Range
−60 to +150
°C
TJmax
Maximum Junction Temperature
+150
°C
ESD Capability, HBM model (Except all HV pins i.e., HB, Hgd and Boot) (Note 1)
2
kV
ESD Capability, Machine Model
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series contains ESD protection and exceeds the following tests: Human Body Model 2000 V per JEDEC (22A114C − Human
Body Model and 22A115A Machine Model)
2. This device contains latch−up protection and exceeds 100 mA per JEDEC Standard JESD78.
3. The maximum injected charge corresponds to the injected current integrated over time into the half−bridge pin. Please refer to Figure 60
and related notes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com