Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCY99080CDWR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # SCY99080CDWR2G
Description  High Performance Switch-Mode Power Supply Controller for Backlight and LLC Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SCY99080CDWR2G Datasheet(HTML) 1 Page - ON Semiconductor

  SCY99080CDWR2G Datasheet HTML 1Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 2Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 3Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 4Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 5Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 6Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 7Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 8Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
© Semiconductor Components Industries, LLC, 2009
July, 2009 − Rev. 0
1
Publication Order Number:
DDA002C/D
Customer Specific Device from ON Semiconductor
High Performance
Switch-Mode Power Supply
Controller for Backlight and
LLC Converters
The DDA002C controller hosts a high performance
circuitry dedicated to driving half−bridge topologies, such
as lamp ballasts for backlighting applications or resonant
converters like the LLC circuit. The controller includes
everything needed to build a reliable and rugged converter,
including a pre−heating period and various protections such
as an adjustable brown−out, for instance. Both, minimum
and maximum switching frequencies, are adjustable by
single pull down resistor, offering the ability to operate
between 30 kHz and 500 kHz.
The controller includes a high−voltage driver that
simplifies the design of the half−bridge configuration due to
direct connection to the upper−side MOSFET. To avoid
large shoot−through currents, the circuit includes a deadtime
generator whose duration can be easily adjusted externally.
Finally, two additional ground−referenced outputs allow the
implementation of full−bridge applications.
Features
• High−Frequency Operation from 30 kHz up to 500 kHz
• Selectable Minimum Switching Frequency
• Adjustable Deadtime from 100 ns to 2 ms
• 100 ms Delayed Startup for PFC Stage Stabilization
• Adjustable Preheating Timer via External Capacitor
• Startup Sequence via Adjustable Soft−Start
• 600 V High−Voltage Floating Drivers
• Synchronized Low−Current Outputs for Full Bridge
Applications
• Adjustable Maximum On−Time Clamp for
Synchronization Outputs
• Brown−Out Protection for Easier PFC Association
• Delayed Open−Loop Protection
• Latched Input for Severe Fault Conditions, e.g. Over
Current
• Secondary Latched Input for Over Temperature Protection
• Auto−Recovery Enable Input
• VCC Operation up to 20 V
• Low Startup Current of 300 mA
• 0.5 A / 0.25 A Peak Current Sink / Source Drive
Capability, Respectively
• Internal Temperature Shutdown
• SO19W package
• These Devices are Pb−Free, Halogen Free/BFR Free
and are RoHS Compliant
Typical Applications
• Flat Panel Display Power Converters
• LLC Converters Control for LCD/Plasma TVs
• HCFL / CCFL Backlight Inverters
PIN CONNECTIONS
MARKING DIAGRAMS
DDA002C = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
SOIC−19, LESS PIN 17
D SUFFIX
CASE 752AA
DDA002C
AWLYYWWG
See detailed ordering and shipping information in the package
dimensions section on page 26 of this data sheet.
ORDERING INFORMATION
*For additional information on our Pb−Free strategy
and soldering details, please download the ON
Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Boot
Hgd
HB
Vcc
Lgd
Gnd
Hgs
Lgs
EN2
BO
CIG
Dgs
SS
R_Fmin
R_Fmax
FB
OTP_latch
DT
EN1
DDA002C
DDA002C


Similar Part No. - SCY99080CDWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SCY99091FCT2G ONSEMI-SCY99091FCT2G Datasheet
207Kb / 26P
Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
More results

Similar Description - SCY99080CDWR2G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2260 STMICROELECTRONICS-TEA2260 Datasheet
160Kb / 9P
SWITCH MODE POWER SUPPLY CONTROLLER
Jun-1992
TEA2262 STMICROELECTRONICS-TEA2262 Datasheet
90Kb / 9P
SWITCH MODE POWER SUPPLY CONTROLLER
Apr-1996
STV4614C STMICROELECTRONICS-STV4614C Datasheet
816Kb / 10P
SWITCH MODE POWER SUPPLY CONTROLLER
TEA2261 STMICROELECTRONICS-TEA2261_03 Datasheet
118Kb / 11P
SWITCH MODE POWER SUPPLY CONTROLLER
Oct-2003
logo
Power Integrations, Inc...
PLC810PG POWERINT-PLC810PG Datasheet
1Mb / 26P
Continuous Mode PFC & LLC Controller Continuous Mode PFC & LLC Controller
logo
Leshan Radio Company
LR5920 LRC-LR5920 Datasheet
638Kb / 12P
High Performance Current Mode PWM Switching Power Supply Controller
logo
Shindengen Electric Mfg...
MCZ5205SE SHINDENGEN-MCZ5205SE Datasheet
980Kb / 30P
Transition Mode PFC High Performance Symmetric LLC Controller
logo
Infineon Technologies A...
ICL5102 INFINEON-ICL5102 Datasheet
289Kb / 2P
High performance PFC resonant controller for LCC and LLC
11 / 2017
logo
Monolithic Power System...
HR1200 MPS-HR1200 Datasheet
3Mb / 54P
High-Performance Digital PFCLLC Combo Controller
logo
List of Unclassifed Man...
SW2604 ETC2-SW2604 Datasheet
343Kb / 6P
High performance current mode PWM switching power supply controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com