Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCY99080CDWR2G Datasheet(PDF) 20 Page - ON Semiconductor

Part # SCY99080CDWR2G
Description  High Performance Switch-Mode Power Supply Controller for Backlight and LLC Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SCY99080CDWR2G Datasheet(HTML) 20 Page - ON Semiconductor

Back Button SCY99080CDWR2G Datasheet HTML 16Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 17Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 18Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 19Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 20Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 21Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 22Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 23Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
DDA002C
http://onsemi.com
20
PFC_OK
CIG
SS
Fop
FB
FB_Fault
Fop = Fstart
Fop = Fmin
PFC delay
Preheat
Soft − Start Transition
to regulation
less than 50 ms
Regulation
Light load
skip mode
Overload
Fop = Fmax
Fop = Fmin
50 ms
Figure 44. The IC Behavior under Various Operating Conditions
Operation
Interrupted
by FB_Fault
Timer
operation
SS_End = 1.9V
CIG_End = 5V
0 < VFB < 1.2 V
VFB > 6 V
1.2 V < VFB < 5.1 V
SS_OK
Brown−Out Protection
The Brown−Out circuitry (BO) offers a way to protect the
application from low DC input voltages. The controller
disables the output pulses if below a given level, if above it,
it authorizes them. The internal circuitry, shown in
Figure 45, offers a way to observe the high−voltage (HV) rail.
BO
SW
IBO
BO_ OK
to AND gates
50 ms one shoot from
PFC timer. Comes
after any IC restart.
Figure 45. The Internal Brown−out
Configuration with an Offset Current Sink
VBULK
Rlower
Rupper
Filter
20 ms
VrefBO
A resistive divider made of Rupper and Rlower, brings a
portion of the HV rail on pin 1. The 20
mA current sink (IBO)
is on if below the BO turn−on level. Therefore, the turn−on
level is higher than the level given by the division ratio
brought by the resistive divider. To the contrary, when the
internal BO_OK signal is high, the IBO sink is deactivated.
As a result, it becomes possible to select the turn−on and
turn−off levels using the below equations:
IBO is On
Vbulk1 @
Rlower
Rlower ) Rupper
* IBO @
Rlower @ Rupper
Rlower ) Rupper
(eq. 2)
VrefBO +
IBO is Off
VrefBO + Vbulk2 @
Rlower
Rlower ) Rupper
(eq. 3)
We can extract Rlower from Equation 2 and plug it into
Equation 1, then solve for Rupper:
Rlower + VrefBO @
Vbulk1 * Vbulk2
IBO @ (Vbulk2 * VrefBO)
(eq. 4)
Rupper + Rlower @
Vbulk2 * VrefBO
VrefBO
(eq. 5)
If we decide to turn−on our converter for Vbulk1 = 350 V
and turn it off for Vbulk2 = 250 V, then for IBO = 20 mA and
VrefBO = 1 V we obtain:
Rupper = 5 MΩ
Rlower = 20 kΩ
The bridge power dissipation is 4002 / 5.02 * 1E06 =
32 mW when front−end PFC stage delivers 400 V. Figure 46
simulation result confirms our calculations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com