Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCY99080CDWR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # SCY99080CDWR2G
Description  High Performance Switch-Mode Power Supply Controller for Backlight and LLC Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SCY99080CDWR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button SCY99080CDWR2G Datasheet HTML 7Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 8Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 9Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 10Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 11Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 12Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 13Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 14Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
DDA002C
http://onsemi.com
11
TYPICAL CHARACTERISTICS
Figure 15. Istartup vs. Temperature
Figure 16. Vboot(min) vs. Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
110
95
35
20
5
−10
−25
−40
0
50
100
150
200
250
300
8.15
8.20
8.25
8.35
8.40
8.45
8.55
8.60
Figure 17. IBO vs. Temperature
Figure 18. Rfb vs. Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
18.0
18.5
19.0
19.5
20.0
20.5
21.0
21.5
0
2
4
6
8
12
14
16
Figure 19. VFB_DC_0_Hyste vs. Temperature
Figure 20. VdelEN1 vs. Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
0
10
20
30
40
50
70
80
0
10
20
30
40
50
60
70
80
65
50
125
110
95
35
20
5
−10
−25
−40
80
65
50
125
8.30
8.50
110
95
35
20
5
−10
−25
−40
80
65
50
125
110
95
35
20
5
−10
−25
−40
80
65
50
125
10
110
95
35
20
5
−10
−25
−40
80
65
50
125
60
110
95
35
20
5
−10
−25
−40
80
65
50
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com