Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2117DUGS/DA Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCA2117DUGS/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGS/DA Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCA2117DUGS/DA Datasheet HTML 11Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 12Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 13Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 14Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 15Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 16Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 17Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 18Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
15 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
8.1.1.11
Command: Read_data
The Read_data command reads binary 8-bit data from the CGRAM, CGROM, DDRAM or
ICON-RAM.
The Sel_mem_bank command (see Section 8.1.1.9) determines whether to read from the
CGRAM, CGROM, DDRAM, or ICON-RAM. After reading, the address counter
automatically increments or decrements by 1 in accordance with the setting of bit I_D of
the Entry_mode_set command (see Section 8.1.2.3).
Only bit 4 to bit 0 of the CGRAM or ICON-RAM data are valid. Bit 7 to bit 5 are set logic 0.
8.1.1.12
Command: Write_data
The Write_data command writes binary 8-bit data to the CGRAM, DDRAM or ICON-RAM.
The Sel_mem_bank command determines whether to write data into the CGRAM,
DDRAM or ICON-RAM. After writing, the address counter automatically increments or
decrements by 1 in accordance with the setting of bit I_D of the Entry_mode_set
command (see Section 8.1.2.3).
Only bit 4 to bit 0 of the CGRAM or ICON-RAM data are valid. Bit 7 to bit 5 are not
implemented and should always be logic 0. The cursor and the character blink have to be
turned off when writing to the CGRAM (see Table 25 on page 20).
• The ICON-RAM to display mapping is given in Section 8.5.5 “ICON-RAM”.
• The DDRAM to display mapping is given in Section 8.5.6 “DDRAM”.
Table 16.
Read_data - data read bit description
Bit
Symbol
Value
Description
-R/W
1
fixed value
-
RS[1:0]
01
fixed value
DDRAM and CGROM
7 to 0
RD[7:0]
00000000 to
11111111
read data from DDRAM and CGROM
CGRAM and ICON-RAM
7 to 5
-
000
fixed value
4 to 0
RD[4:0]
00000 to
11111
read data from CGRAM and ICON-RAM
Table 17.
Write_data - data write bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
01
fixed value
DDRAM
7 to 0
WD[7:0]
00000000 to
11111111
write data to DDRAM
CGRAM and ICON-RAM
7 to 5
-
000
not implemented
4 to 0
WD[4:0]
00000 to
11111
write data to CGRAM and ICON-RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com