Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2117DUGS/DA Datasheet(PDF) 41 Page - NXP Semiconductors

Part # PCA2117DUGS/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGS/DA Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button PCA2117DUGS/DA Datasheet HTML 37Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 38Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 39Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 40Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 41Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 42Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 43Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 44Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
41 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
8.4.5 Temperature measurement and temperature compensation of VLCD
8.4.5.1
Temperature readout
The PCA2117 has a built-in temperature sensor which provides an 8-bit digital value
(TD[7:0]) of the ambient temperature. This value can be read by command (see
Section 8.1.1.6 on page 11). The actual temperature is determined from TD[7:0] using
Equation 4.
(4)
TD[7:0] = FFh means that no temperature readout is available or was performed. FFh is
the default value after initialization. The measurement needs about 8 ms to complete. It is
repeated periodically every second as long as bit TME is set logic 1 (see Table 32 on
page 26).
Due to the nature of a temperature sensor, oscillations may occur. To avoid it, a filter has
been implemented in PCA2117. A control bit, TMF, is implemented to enable or disable
the digital temperature filter (see Table 32 on page 26). The system is exemplified in
Figure 23.
Conditions: VDD2 =5V; VLCD =16V; Tamb =25 C; RITO(VSS2), RITO(VDD2), RITO(VLCDOUT) =50 .
(1) VLCD =2  VDD2.
(2) VLCD =3  VDD2.
(3) VLCD =4  VDD2.
Iload is the overall current sink of the column and row outputs depending on the display, plus the
on-chip VLCD current consumption.
Fig 22. VLCD with respect to Iload at VDD2 =5V
T
C

0.6275
TD
40
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com