Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2117DUGS/DA Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCA2117DUGS/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGS/DA Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCA2117DUGS/DA Datasheet HTML 18Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 19Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 20Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 21Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 22Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 23Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 24Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 25Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
22 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
8.1.2.9
Command: Screen_config
[1]
Default value.
Screen_config:
• If bit L = 0, then the two halves of a split screen are connected in a standard way, that
is column 0/100, 1/101 to 99/199.
• If bit L = 1, then the two halves of a split screen are connected in a mirrored way, that
is column 0/199, 1/198 to 99/100. This feature allows a single layer PCB or glass
layout.
8.1.2.10
Command: Display_config
The Display_config command allows setting how the data is displayed.
Table 27.
Screen_config - screen configuration bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
10
fixed value
7 to 1
-
0000001
fixed value
0L
screen configuration setting
0[1]
split screen standard connection
1
split screen mirrored connection
Table 28.
Display_config - display configuration bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
10
fixed value
7 to 2
-
000001
fixed value
1P
display column setting
0[1]
column data: left to right;
column data is displayed from column 0 to
column 99
1
column data: right to left;
column data is displayed from column 99 to
column 0
0Q
display row setting
0[1]
row data: top to bottom;
row data is displayed from row 0 to row 15
and icon row data in row 16 and row 17
in single-line mode (SL = 1) row data is
displayed from row 0 to row 7 and icon row
data in row 16
1
row data: bottom to top;
row data is displayed from row 15 to row 0
and icon row data in row 17 and row 16
in single-line mode (SL = 1) row data is
displayed from row 15 to row 8 and icon row
data in row 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com