Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2117DUGS/DA Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCA2117DUGS/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGS/DA Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCA2117DUGS/DA Datasheet HTML 33Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 34Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 35Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 36Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 37Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 38Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 39Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 40Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
37 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
8.4 LCD voltage
8.4.1 VLCD pins
The PCA2117 has 3 VLCD pins:
VLCDIN — VLCD supply input
VLCDOUT — VLCD voltage output
VLCDSENSE — VLCD regulation circuitry input
The VLCD voltage can be generated on-chip or externally supplied.
8.4.2 External VLCD supply
When the external VLCD supply is selected, the VLCD voltage must be supplied to the pin
VLCDIN. The pins VLCDOUT and VLCDSENSE can be left unconnected or alternatively
connected to VLCDIN. The VLCD voltage is available at the row and column drives of the
device through the chosen bias system.
The internal charge pump must not be enabled, otherwise high internal currents may flow
as well as high currents via pin VDD2 and pin VLCDOUT. No internal temperature
compensation occurs on the externally supplied VLCD even if bit TCE is set logic 1 (see
Section 8.1.4.1). Also programming VLCDA[8:0] and VLCDB[8:0] has no effect on the
externally supplied VLCD.
8.4.3 Internal VLCD generation
When the internal VLCD generation is selected, the VLCD voltage is available on pin
VLCDOUT. The pins VLCDIN and VLCDSENSE must be connected to the pin VLCDOUT.
The Charge_pump_ctrl command (see Table 30 on page 24) controls the charge pump. It
can be enabled with the CPE bit. The multiplier setting can be configured with the
CPC[1:0] bits. The charge pump can generate a VLCD up to 4  VDD2.
8.4.3.1
VLCD programming
VLCD can be programmed by two bit-fields: VLCDA[8:0] and VLCDB[8:0]. VLCDA[8:0] is
programmed with the voltage for the character mode and VLCDB[8:0] with the voltage for
the icon mode.
The final value of VLCD is a combination of the programmed VLCDA[8:0] respectively
VLCDB[8:0] value and in addition the output of the temperature compensation block. The
system is exemplified in Figure 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com