Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2117DUGS/DA Datasheet(PDF) 70 Page - NXP Semiconductors

Part # PCA2117DUGS/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGS/DA Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button PCA2117DUGS/DA Datasheet HTML 66Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 67Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 68Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 69Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 70Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 71Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 72Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 73Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
70 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
2. Extended example: select new mem address
2.1 Setting the address pointer[1]
I2C-START
S
Slave address
0
1
1
1
0
1
SA0
R/W
0
Acknowledge from PCA2117
A
CO
0
RS[1:0]
0
0
-
-
-
-
-
Acknowledge from PCA2117
A
Command: Set_mem_addr
1
ADD[6:0]
address 40h
1
0
0
0
0
0
0
Acknowledge from PCA2117
A
2.2 Select read RAM data from new mem address
I2C-RESTART
Sr
Slave address
0
1
1
1
0
1
SA0
R/W
0
Acknowledge from PCA2117
A
CO
0
RS[1:0]
0
1
-
-
-
-
-
Acknowledge from PCA2117
A
I2C-RESTART
Sr
Slave address
0
1
1
1
0
1
SA0
R/W
1
Acknowledge from PCA2117
A
Command: Read_data
reading 0 to n byte
Acknowledge from master after
each byte
A
I2C-STOP
P
3. Extended example: decrementing address pointer
3.1 Setting the address pointer[1]
I2C-START
S
Slave address
0
1
1
1
0
1
SA0
R/W
0
Acknowledge from PCA2117
A
CO
0
RS[1:0]
0
0
-
-
-
-
-
Acknowledge from PCA2117
A
Command: Set_mem_addr
1
ADD[6:0]
address 4Fh
1
0
0
1
1
1
1
Acknowledge from PCA2117
A
Table 44.
Example: Reading from RAM by I2C-bus …continued
Bits labeled as - are ignored.
Commands and signals
Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com