Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2117DUGS/DA Datasheet(PDF) 62 Page - NXP Semiconductors

Part # PCA2117DUGS/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGS/DA Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button PCA2117DUGS/DA Datasheet HTML 58Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 59Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 60Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 61Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 62Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 63Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 64Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 65Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
62 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
When data is written to or read from the DDRAM, wrap-around occurs from the end of one
line to the start of the next line. When the display is shifted each line wraps around within
itself, independently of the others. Thus all lines are shifted and wrapped around together.
The address ranges and wrap-around operations for the various modes are shown in
Table 39.
Table 39.
Address space and wrap-around operation
Mode
1
 40
2
 20
1
 20
Address space
00h to 4Fh
00h to 27h;
40hto67h
00hto27h
Read/write wrap-around (moves
to next line)
4Fhto00h
27hto40h;
67hto00h
27hto00h
Display shift wrap-around (stays
within line)
4Fhto00h
27hto00h;
67hto40h
27hto00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com