Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2117DUGS/DA Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCA2117DUGS/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGS/DA Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCA2117DUGS/DA Datasheet HTML 19Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 20Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 21Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 22Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 23Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 24Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 25Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 26Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
23 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
[1]
Default value.
Bit P: The P bit flips the display left to right by mirroring the column data.
Bit Q: The Q bit flips the display top to bottom by mirroring the row data.
Combination of bit P and bit Q: A combination of bit P and bit Q allows the display to be
rotated horizontally and vertically by 180 degrees.
8.1.2.11
Command: Icon_config
The PCA2117 can drive up to 200 icons. With the Icon_config command the displaying of
the icons can be configured.
Fig 5.
Illustration of the display configuration bits
Table 29.
Icon_config - icon display configuration bit description
See Table 38 for the ICON-RAM to ICON mapping.
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
10
fixed value
7 to 2
-
000010
fixed value
1IM
icon mode setting
0[1]
character mode, full display; VLCD
programming with the Set_VLCD_A
command
1
icon mode, only icons displayed; VLCD
programming with the Set_VLCD_B
command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com