Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2117DUGS/DA Datasheet(PDF) 85 Page - NXP Semiconductors

Part # PCA2117DUGS/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGS/DA Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button PCA2117DUGS/DA Datasheet HTML 81Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 82Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 83Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 84Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 85Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 86Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 87Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 88Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
85 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
14. Dynamic characteristics
14.1 General timing characteristics
14.2 I2C-bus timing characteristics
[1]
All timing values are valid within the operating supply voltage and ambient temperature range and are referenced to VIL and VIH with an
input voltage swing of VSS1 to VDD1.
[2]
tVD;DAT = minimum time for valid SDA output following SCL LOW.
[3]
tVD;ACK = time for acknowledgement signal from SCL LOW to SDA output LOW.
Table 51.
General dynamic characteristics
VDD1, VDD2 = 2.5 V to 5.5 V; VSS1 = 0 V; VLCD = 4.0 V to 16.0 V; Tamb = 40 C to +105 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fclk(int)
internal clock
frequency
on pin CLK; Tamb =25 C;
FF[4:0] = 00111
61600
64000
66400
Hz
fclk(ext)
external clock
frequency
on pin CLK
36000
-
288000
Hz
tclk(H)
HIGH-level clock time
external clock source used
5
-
-
s
tclk(L)
LOW-level clock time
5
-
-
s
Table 52.
I2C-bus timing characteristics
VDD1, VDD2 = 2.5 V to 5.5 V; VSS1 = 0 V; VLCD = 4.0 V to 16.0 V; Tamb = 40 C to +105 C; unless otherwise specified.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCL
SCL frequency
-
-
400
kHz
tBUF
bus free time between
a STOP and START
condition
1.3
-
-
s
tHD;STA
hold time (repeated)
START condition
0.6
-
-
s
tSU;STA
set-up time for a
repeated START
condition
0.6
-
-
s
tVD;DAT
data valid time
[2] --
0.9
s
tVD;ACK
data valid
acknowledge time
[3] --
0.9
s
tLOW
LOW period of the
SCL clock
1.3
-
-
s
tHIGH
HIGH period of the
SCL clock
0.6
-
-
s
tf
fall time
of both SDA and SCL signals
-
-
0.3
s
tr
rise time
of both SDA and SCL signals
-
-
0.3
s
Cb
capacitive load for
each bus line
--
400
pF
tSU;DAT
data set-up time
100
-
-
ns
tHD;DAT
data hold time
0
-
-
ns
tSU;STO
set-up time for STOP
condition
0.6
-
-
s
tw(spike)
spike pulse width
-
-
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com