Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2117DUGS/DA Datasheet(PDF) 81 Page - NXP Semiconductors

Part # PCA2117DUGS/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGS/DA Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button PCA2117DUGS/DA Datasheet HTML 77Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 78Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 79Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 80Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 81Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 82Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 83Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 84Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
81 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
[1]
VDD1 =5V; Tamb =25 C.
[2]
VDD1 = 5.5 V; Tamb = 105 C.
On pin SDAOUT
VO
output voltage
0.5
-
+5.5
V
IOL
LOW-level output
current
output sink current;
VOL =0.4 V
6-
-
mA
ILI
input leakage current
VI = VDD1 or VSS1
-0
-
A
ILO
output leakage current VO =VSS1
-0
-
A
SPI-bus
On pins SCL, SDI/SDAIN, CE
VIL
LOW-level input
voltage
0.3
-
0.3VDD1
V
VIH
HIGH-level input
voltage
0.7VDD1
-VDD1 + 0.3 V
ILI
input leakage current
VI = VDD1 or VSS1
-0
-
A
On pin SDO
VOH
HIGH-level output
voltage
0.8VDD1
-VDD1 + 0.3 V
VOL
LOW-level output
voltage
0.3
-
0.2VDD1
V
IOH
HIGH-level output
current
output source current;
VOH =4.6 V;
VDD1 =5V
1-
-
mA
IOL
LOW-level output
current
output sink current;
VOL =0.4 V;
VDD1 =5V
1-
-
mA
ILO
output leakage current VO = VDD1 or VSS1
-0
-
A
Table 50.
Static characteristics …continued
VDD1, VDD2 = 2.5 V to 5.5 V; VSS1 = 0 V; VLCD = 4.0 V to 16.0 V; Tamb = 40 C to +105 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com