Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2117DUGS/DA Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCA2117DUGS/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGS/DA Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCA2117DUGS/DA Datasheet HTML 31Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 32Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 33Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 34Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 35Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 36Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 37Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 38Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
35 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
2. Static voltages across the liquid crystal display can build up when the external LCD
supply voltage (VLCD) is on while the IC supply voltage (VDD1 and VDD2) is off, or the
other way round. This may cause unwanted display artifacts. To avoid such artifacts,
external VLCD, VDD1, and VDD2 must be applied or removed together.
3. A clock signal must always be supplied to the device when the device is active.
Removing the clock may freeze the LCD in a DC state, which is not suitable for the
liquid crystal. Disable the display first and then remove the clock signal afterwards.
8.3 Possible display configurations
The PCA2117 is a versatile peripheral device designed to interface between any
microcontroller to a wide variety of character displays (see Figure 14 and Figure 15).
The host microcontroller maintains the communication channel with the PCA2117. The
only other connections required to complete the system are the power supplies (VDD1,
VDD2, and VSS1 to VSS3), the VLCD pins (VLCDOUT, VLCDSENSE, VLCDIN), the
external capacitors, and the LCD panel selected for the application. The appropriate
biasing voltages for the multiplexed LCD waveforms are generated internally.
External capacitors of 100 nF minimum are required on each of the pins VDD1 and VDD2.
If they are connected to the same power supply (not recommended if VLCD is generated
internally), a capacitor of 300 nF minimum is required.
VSS1 to VSS3 have to be connected to the same ground supply.
Fig 14. Connecting PCA2117 with a 2
 20 character LCD
Fig 15. Connecting PCA2117 with a 1
 40 character LCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com