Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2117DUGS/DA Datasheet(PDF) 68 Page - NXP Semiconductors

Part # PCA2117DUGS/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGS/DA Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button PCA2117DUGS/DA Datasheet HTML 64Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 65Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 66Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 67Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 68Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 69Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 70Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 71Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
68 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
9.2.8 I2C-bus protocol
The I2C-bus protocol is shown in Table 43. The sequence is initiated with a START
condition (S) from the I2C-bus master which is followed by one of the two slave addresses
available. All PCA2117 with the corresponding SA0 level acknowledge in parallel to the
slave address, but all PCA2117 with the alternative SA0 level ignore the whole I2C-bus
transfer.
After acknowledgement, a control byte (see Section 9.1) follows which defines if the next
byte is RAM or command information. The control byte also defines if the next byte is a
control byte or further RAM or command data.
In this way, it is possible to configure the device and then fill the display RAM with little
overhead.
The display bytes are stored in the display RAM at the address specified by the data
pointer.
Table 43.
Example: Writing to RAM by I2C-bus
Bits labeled as - are ignored.
Commands and signals
Values
1. Select RAM bank and set address pointer
I2C-START
S
Slave address
0
1
1
1
0
1
SA0
R/W
0
Acknowledge from PCA2117
A
CO
0
RS[1:0]
0
0
-
-
-
-
-
Acknowledge from PCA2117
A
Command: Sel_mem_bank
0
0
0
1
0
SMB[2:0]
DDRAM
0
0
0
Acknowledge from PCA2117
A
Command: Set_mem_addr
1
ADD[6:0]
address 0h
0
0
0
0
0
0
0
Acknowledge from PCA2117
A
2. Select write RAM data
I2C-RESTART
Sr
Slave address
0
1
1
1
0
1
SA0
R/W
0
Acknowledge from PCA2117
A
CO
0
RS[1:0]
0
1
-
-
-
-
-
Acknowledge from PCA2117
A
Command: Write_data
writing 0 to n byte
Acknowledge from master after
each byte
A
I2C-STOP
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com