Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2117DUGS/DA Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCA2117DUGS/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGS/DA Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCA2117DUGS/DA Datasheet HTML 15Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 16Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 17Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 18Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 19Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 20Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 21Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 22Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
19 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
Frame inversion mode (driving scheme B): In frame inversion mode, the DC value is
compensated across two frames and not within one frame. Changing the inversion mode
to frame inversion reduces the power consumption, therefore it is useful when power
consumption is a key point in the application.
Frame inversion may not be suitable for all applications. The RMS voltage across a
segment is better defined, however since the switching frequency is reduced there is the
possibility for flicker to occur.
8.1.2.6
Command: Frame_frequency
With this command, the clock and frame frequency can be programmed when using the
internal clock. The default frame frequency of 80 Hz is factory calibrated.
The duty cycle depends on the frequency chosen (see Table 24).
Table 23.
Frame-frequency - frame frequency select command bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
10
fixed value
7 to 5
-
100
fixed value
4 to 0
FF[4:0]
see Table 24
frame frequency setting
Table 24.
Clock and frame frequency values
Duty cycle definition: % HIGH-level time : % LOW-level time.
FF[4:0]
Frame frequency (Hz)
Clock frequency (Hz)
Typical duty cycle (%)
00000
45
36000
50 : 50
00001
50
39724
44 : 56
00010
55
44308
38 : 62
00011
60
48000
33 : 67
00100
65
52364
27 : 73
00101
70
54857
23 : 77
00110
75
60632
15 : 85
00111[1]
80
64000
11 : 89
01000
85
67765
5 : 95
01001
90
72000
50 : 50
01010
95
76800
46 : 54
01011
100
82286
42 : 58
01100
110
88615
38 : 62
01101
120
96000
33 : 67
01110
130
104727
27 : 73
01111
145
115200
20 : 80
10000
160
128000
11 : 89
10001
180
144000
50 : 50
10010
210
164571
42 : 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com