Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2117DUGS/DA Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA2117DUGS/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGS/DA Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA2117DUGS/DA Datasheet HTML 6Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 7Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 8Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 9Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 10Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 11Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 12Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 13Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
10 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
8.1.1.3
Command: Clear_reset_flag
The Clear_reset_flag command clears the reset flag CRF, see Table 12 on page 11.
8.1.1.4
Command: OTP_refresh
In order to achieve the specified accuracy of the VLCD, the frame frequency, and the
temperature measurement, each IC is calibrated during production. These calibration
values are stored in One Time Programmable (OTP) cells. Their content is loaded into the
associated registers every time when the Initialize command or the OTP_refresh
command is sent. This command takes approximately 10 ms to finish.
8.1.1.5
Command: Clock_out_ctrl
When pin CLK is configured as an output pin, the Clock_out_ctrl command enables or
disables the clock output on pin CLK.
[1]
Default value.
For lower power consumption, the clock is only active when display (see Table 25),
charge pump (see Table 30), or temperature measurement (see Table 32) is enabled.
Table 7.
Initialize - Initialize command bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
00
fixed value
7 to 0
-
00000001
initialize
Table 8.
Clear_reset_flag - Clear_reset_flag command bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
00
fixed value
7 to 0
-
00011111
clear reset status flag
Table 9.
OTP_refresh - OTP_refresh command bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
00
fixed value
7 to 0
-
00000010
refresh register settings from OTP
Table 10.
Clock_out_ctrl - CLK pin input/output switch command bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
00
fixed value
7 to 1
-
0010000
fixed value
0COE
CLK pin setting
0[1]
clock signal not available on pin CLK;
pin CLK is in 3-state
1
clock signal available on pin CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com