Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2117DUGS/DA Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA2117DUGS/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGS/DA Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA2117DUGS/DA Datasheet HTML 5Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 6Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 7Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 8Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 9Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 10Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 11Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 12Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
9 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
8.1.1 General control commands
8.1.1.1
Command: Register_update
This command updates registers of the PCA2117. It must be sent after the Return_home
command or Cursor_display_shift command if no other command follows.
8.1.1.2
Command: Initialize
This command generates a chip-wide reset by setting all command registers to their
default values. It must be sent to the PCA2117 after power-on. For further information, see
Section 8.2.1 on page 27.
Display control commands
Clear_display
0
1
0
0
0
0
0
0
0
0
0
Section 8.1.2.1
Return_home
00
000
001
Section 8.1.2.2
Entry_mode_set
00
101
0I_D
S
Section 8.1.2.3
Function_set
00
110
0M
SL
Section 8.1.2.4
Inversion_mode
0
1
0
0
1
0
0
0
INV[2:0]
Section 8.1.2.5
Frame_frequency
1
0
0
FF[4:0]
Section 8.1.2.6
Display_control
0
0
1
0
0
D
C
B
Section 8.1.2.7
Cursor_display_shift
0
0
0
1
0
0
SC
RL
Section 8.1.2.8
Screen_config
00
000
01L
Section 8.1.2.9
Display_config
00
000
1P
Q
Section 8.1.2.10
Icon_config
0
0
0
0
1
0
IM
IB
Section 8.1.2.11
Charge pump and LCD bias control commands
Charge_pump_ctrl
0
1
1
1
0
0
0
0
CPE
CPC[1:0]
Section 8.1.3.1
Set_VLCD_A
1
0
1
VLCDA[8:4]
Section 8.1.3.2
10
01VLCDA[3:0]
Set_VLCD_B
1
1
0
VLCDB[8:4]
Section 8.1.3.2
11
10VLCDB[3:0]
Temperature compensation control commands
Temperature_ctrl
0
1
1
0
0
0
0
0
TCE
TMF
TME
Section 8.1.4.1
TC_slope
0
0
0
0
1
TSA[2:0]
Section 8.1.4.2
00
010
TSB[2:0]
00
011
TSC[2:0]
00
100
TSD[2:0]
Table 5.
Commands of PCA2117 …continued
Command name
R/W Register
select
Bits
Reference
RS[1:0]
7
6
5
4
3
2
1
0
Table 6.
Register_update - Register update command bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
00
fixed value
7 to 0
-
00000000
update register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com