Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2117DUGS/DA Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA2117DUGS/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGS/DA Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA2117DUGS/DA Datasheet HTML 3Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 4Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 5Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 6Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 7Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 8Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 9Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 10Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
7 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
[1]
The substrate (rear side of the die) is at VSS1 potential and must not be connected.
[2]
If pin OSC is tied to VSS1, CLK is the output pin of the internal oscillator. If pin OSC is tied to VDD1, CLK is the input pin for the external
oscillator.
T3
76 to 80
input
not accessible; must be connected to PWROUT
Oscillator, synchronization, and reset pins
OSC[2]
55, 56
input
clock (internal/external) selector
PD
74, 75
input
power-down mode select
• for normal operation, pin PD must be LOW
• for power-down mode, pin PD must be HIGH
CLK
92 to 94
input/output
internal oscillator output, external oscillator input
RST
95, 96
input
active LOW reset input
Bus-related pins
SPI-bus
I2C-bus
SA0
57, 58
input
unused;
• connect to VSS1
slave address selector;
• connect to VSS1 for logic 0
• connect to VDD1 for logic 1
IFS
59, 60
input
interface selector input
• connect to VSS1
interface selector input
• connect to VDD1
CE
90, 91
input
chip enable input (active LOW)
unused
• connect to VDD1
SDI/SDAIN
97 to 99
input
SPI-bus data input
I2C-bus serial data input
SDO
100, 101
output
SPI serial data output
unused
• must be left open
SCL
102 to 104
input
serial clock input
serial clock input
SDAOUT
105 to 109
output
unused
• must be connected to VSS1
serial data output
Table 3.
Pin description of PCA2117DUGx …continued
Input or input/output pins must always be at a defined level (VSS or VDD) unless otherwise specified.
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com