Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2117DUGS/DA Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA2117DUGS/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGS/DA Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA2117DUGS/DA Datasheet HTML 13Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 14Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 15Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 16Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 17Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 18Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 19Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 20Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
17 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
8.1.2.3
Command: Entry_mode_set
The Entry_mode_set command sets the address stepping and the shift of the display.
[1]
Default value.
Bit I_D: When bit I_D = 1 the DDRAM, CGRAM, or ICON-RAM address increments by 1
when data is written into or read from the DDRAM, CGRAM or ICON-RAM. The cursor or
blink position moves to the right.
When bit I_D = 0 the DDRAM, CGRAM, or ICON-RAM address decrements by 1 when
data is written into or read from the DDRAM, CGRAM or ICON-RAM. The cursor or blink
position moves to the left.
Bit S: When bit S = 0, the display does not shift.
During DDRAM write, when bit S = 1 and bit I_D = 0, the entire display shifts to the right.
When bit S = 1 and bit I_D = 1, the entire display shifts to the left.
Thus it appears as if the cursor remains and the display moves. The display does not shift
when reading from the DDRAM, CGRAM or ICON-RAM or when writing to or from the
DDRAM, CGRAM or ICON-RAM.
Table 20.
Entry_mode_set - entry mode bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
10
fixed value
7 to 2
-
001010
fixed value
1I_D
address stepping select
0
DDRAM, CGRAM or ICON-RAM address
decrements by 1, cursor moves to the left
1[1]
DDRAM, CGRAM or ICON-RAM address
increments by 1, cursor moves to the right
0S
display shift select
0[1]
display does not shift
1display shifts
Command: Entry_mode_set, S = 1, display line setting: 2 line
 20 characters.
Fig 3.
Example of the display shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com