Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 40Page - STMicroelectronics STM32U575VG Datasheet HTML 41Page - STMicroelectronics STM32U575VG Datasheet HTML 42Page - STMicroelectronics STM32U575VG Datasheet HTML 43Page - STMicroelectronics STM32U575VG Datasheet HTML 44Page - STMicroelectronics STM32U575VG Datasheet HTML 45Page - STMicroelectronics STM32U575VG Datasheet HTML 46Page - STMicroelectronics STM32U575VG Datasheet HTML 47Page - STMicroelectronics STM32U575VG Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 329 page
background image
Functional overview
STM32U575xx
44/329
DS13737 Rev 6
SysTick timer
O
O
-
--
--
--
--
--
MDF1 (multi-function
digital filter)
OO
O(18) O(18)
-
--
--
--
--
ADF1 (audio digital
filter)
OO
O(18) O(18) O(18) O(18)
-
--
--
--
DCMI (digital camera
interface)
OO
-
--
--
--
--
--
PSSI (paral. synch.
slave interface)
OO
-
--
--
--
--
--
CORDIC coprocessor
O
O
-
--
--
--
--
--
FMAC (filter
mathematical
accelerator)
OO
-
--
--
--
--
--
TSC (touch sensing
controller)
OO
-
--
--
--
--
--
RNG (true random
number generator)
OO
-
--
--
--
--
--
HASH accelerator
O
O
-
--
--
--
--
--
CRC calculation unit
O
O
-
--
--
--
--
--
GPIOs
O
O
O
OO
O
-
(19)
24
pins
-
(19)
24
pins
-
(20)
24
pins
-
1. Y = yes (enabled). O = optional (disabled by default, can be enabled by software). - = not available.
Gray cells highlight the wakeup capability in each mode.
2. The Flash memory can be configured in power-down mode. By default, it is not in power-down mode.
3. The SRAMs can be powered on or off independently.
4. The SRAM clock can be gated on or off independently.
5. ECC error interrupt or NMI wakeup from Stop mode.
6. 8-Kbyte, 56-Kbyte or full SRAM2 content can be preserved.
7. Sub-blocks or full SRAM1 and SRAM3, full SRAM2 and SRAM4 can be powered-off to save power consumption. SRAM1,
SRAM2, SRAM3 and SRAM4 can be accessed by GPDMA1 in Stop 0 and Stop 1 modes. SRAM4 can be accessed by
LPDMA1 in Stop 0, Stop 1 and Stop 2 modes.
8. GPDMA transfers are functional and autonomous in Stop mode, and generates a wakeup interrupt on transfer events.
9. LPDMA transfers are functional and autonomous in Stop mode, and generates a wakeup interrupt on transfer events.
10. Some peripherals with autonomous mode and wakeup from Stop capability can request HSI16, MSIS or MSIK to be
enabled. In this case, the oscillator is woken up by the peripheral, and is automatically put off when no peripheral needs it.
11. OTG_FS is functional in voltage scaling range 1, 2 and 3.
12. USART and LPUART reception and transmission are functional and autonomous in Stop mode in asynchronous and
in SPI master modes, and generate a wakeup interrupt on transfer events.
13. I2C reception and transmission are functional and autonomous in Stop mode, and generate a wakeup interrupt
on transfer events.
Table 10. Functionalities depending on the working mode(1) (continued)
Peripheral
Run
Sleep
Stop 0/1
Stop 2
Stop 3
Standby Shutdown
VBAT
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com