Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 55Page - STMicroelectronics STM32U575VG Datasheet HTML 56Page - STMicroelectronics STM32U575VG Datasheet HTML 57Page - STMicroelectronics STM32U575VG Datasheet HTML 58Page - STMicroelectronics STM32U575VG Datasheet HTML 59Page - STMicroelectronics STM32U575VG Datasheet HTML 60Page - STMicroelectronics STM32U575VG Datasheet HTML 61Page - STMicroelectronics STM32U575VG Datasheet HTML 62Page - STMicroelectronics STM32U575VG Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 329 page
background image
DS13737 Rev 6
59/329
STM32U575xx
Functional overview
88
3.25.1
OCTOSPI TrustZone security
When the TrustZone security is enabled, the whole OCTOSPI bank is secure after reset.
Up to two non-secure area can be configured thought the TZSC MPCWM1 and MPCWM5
controllers with a granularity of 64 Kbytes.
The OCTOSPI registers can be configured as secure through the TZSC controller.
3.26
OCTOSPI I/O manager (OCTOSPIM)
The OCTOSPI I/O manager is a low-level interface enabling:
•
efficient OCTOSPI pin assignment with a full I/O matrix (before alternate function map)
•
multiplex of Single-, Dual-, Quad-, Octal-SPI interfaces over the same bus and hence
support memories embedded in a multichip package
The OCTOSPIM main features are:
•
Supports up to two Single-, Dual-, Quad-, Octal-SPI interfaces
•
Supports up to two ports for pin assignment
•
Fully programmable I/O matrix for pin assignment by function (data/control/clock)
3.27
Delay block (DLYB)
The delay block (DLYB) is used to generate an output clock that is dephased from the input
clock. The phase of the output clock must be programmed by the user application. The
output clock is then used to clock the data received by another peripheral such as
a SDMMC or Octo-SPI interface. The delay is voltage and temperature dependent, that may
require the application to re-configure and recenter the output clock phase with the received
data.
The delay block main features are:
•
Input clock frequency ranging from 25 to 160 MHz
•
Up to 12 oversampling phases
3.28
Analog-to-digital converter (ADC1 and ADC4)
The devices embed two successive approximation analog-to-digital converters.
Table 15. ADC features
ADC modes/features(1)
ADC1
ADC4
Resolution
14 bits
12 bits
Maximum sampling speed for 14-bit resolution
2.5 Msps
2.5 Msps
Hardware offset calibration
X
X
Hardware linearity calibration
X
-
Single-ended inputs
X
X
Differential inputs
X
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com