Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 43Page - STMicroelectronics STM32U575VG Datasheet HTML 44Page - STMicroelectronics STM32U575VG Datasheet HTML 45Page - STMicroelectronics STM32U575VG Datasheet HTML 46Page - STMicroelectronics STM32U575VG Datasheet HTML 47Page - STMicroelectronics STM32U575VG Datasheet HTML 48Page - STMicroelectronics STM32U575VG Datasheet HTML 49Page - STMicroelectronics STM32U575VG Datasheet HTML 50Page - STMicroelectronics STM32U575VG Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 329 page
background image
DS13737 Rev 6
47/329
STM32U575xx
Functional overview
88
allowing the highest flexibility, can generate independent clocks for the ADC, USB,
SDMMC, RNG, MDF, ADF, FDCAN1, OCTOSPIs and SAIs.
•
Startup clock: after reset, the microcontroller restarts by default with MSI. The prescaler
ratio and clock source can be changed by the application program as soon as the code
execution starts.
•
CSS (clock security system): this feature can be enabled by software. If a HSE clock
failure occurs, the master clock automatically switches to HSI16 and a software
interrupt is generated if enabled. LSE failure can also be detected and generates
an interrupt.
•
Clock-out capability:
–
MCO (microcontroller clock output): it outputs one of the internal clocks for
external use by the application.
–
LSCO (low-speed clock output): it outputs LSI or LSE in all low-power modes
(except VBAT mode).
Several prescalers allow AHB and APB frequencies configuration. The maximum frequency
of the AHB and the APB clock domains is 160 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com