Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 51Page - STMicroelectronics STM32U575VG Datasheet HTML 52Page - STMicroelectronics STM32U575VG Datasheet HTML 53Page - STMicroelectronics STM32U575VG Datasheet HTML 54Page - STMicroelectronics STM32U575VG Datasheet HTML 55Page - STMicroelectronics STM32U575VG Datasheet HTML 56Page - STMicroelectronics STM32U575VG Datasheet HTML 57Page - STMicroelectronics STM32U575VG Datasheet HTML 58Page - STMicroelectronics STM32U575VG Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 329 page
background image
DS13737 Rev 6
55/329
STM32U575xx
Functional overview
88
•
Output buffer byte swapping to support refresh of displays through parallel interface
•
Abort and suspend of DMA2D operations
•
Watermark interrupt on a user programmable destination line
•
Interrupt generation on bus error or access conflict
•
Interrupt generation on process completion
3.20
Interrupts and events
3.20.1
Nested vectored interrupt controller (NVIC)
The devices embed a NVIC that is able to manage 16 priority levels and to handle up to 125
maskable interrupt channels plus the 16 interrupt lines of the Cortex-M33.
The NVIC benefits are the following:
•
closely coupled NVIC giving low-latency interrupt processing
•
interrupt entry vector table address passed directly to the core
•
early processing of interrupts
•
processing of late arriving higher priority interrupts
•
support for tail chaining
•
processor state automatically saved
•
interrupt entry restored on interrupt exit with no instruction overhead
•
TrustZone support: NVIC registers banked across secure and non-secure states
The NVIC hardware block provides flexible interrupt management features with minimal
interrupt latency.
3.20.2
Extended interrupt/event controller (EXTI)
The EXTI manages the individual CPU and system wakeup through configurable event
inputs. It provides wakeup requests to the power control, and generates an interrupt request
to the CPU NVIC and events to the CPU event input. For the CPU an additional event
generation block (EVG) is needed to generate the CPU event signal.
The EXTI wakeup requests allow the system to be woken up from Stop modes.
The interrupt request and event request generation can also be used in Run modes.
The EXTI also includes the EXTI multiplexer I/O port selection.
The EXTI main features are the following:
•
All event inputs allowed to wake up the system
•
Configurable events (signals from I/Os or peripherals able to generate a pulse)
–
Selectable active trigger edge
–
Interrupt pending status register bit independent for the rising and falling edge
–
Individual interrupt and event generation mask, used for conditioning the CPU
wakeup, interrupt and event generation
–
Software trigger possibility



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com